Electronic Components Datasheet Search
  English  ▼

X  

LEA50F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEA50F
Description  MAX OUTPUT WATTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA50F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEA50F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 6Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 7Page - List of Unclassifed Manufacturers LEA50F Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
¡INPUT HARMONIC CURRENT (LEA50F-5)
¡EFFICIENCY (LEA50F-5)
¡INPUT HARMONIC CURRENT (LEA50F-5)
¡RISE TIME & FALL TIME (LEA50F-5)
DC Output
AC Input
Io=100%
50ms/DIV
ACIN 100V
INPUT VOLTAGE
V
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
100V
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
230V
HARMONIC ORDER
HARMONIC ORDER
100
140
180
220
260
300
60
68
70
72
74
76
78
80
030
40
0.001
0.01
0.1
1
10
10
20
0
10
0.001
0.01
0.1
1
10
20
30
40
100%
50%
Load factor
Load factor
LEA
LEA-3
LEA50F
External view
¶Keep drawing current per pin below 5A for CN2
¶Weight: 210g or less
PIN CONNECTION
Pin No.
1
2
3
4
5
Input
AC(L)
AC(N)
FG
CN1
Pin No. Output
CN2
Optional
1
2
3
4
-V
-V
+V
+V
Pin No. Remote ON/OFF
CN3
1
2
RC(
+)
RC(
-)
(Without chassis and cover)
¶Tolerance:
t1
¶Dimensions in mm.
¶PCB Material: Glass composite
¶Chassis and cover is optional.
¶Mounting torque: 0.6N · m(6.3kg f · cm)max
(CEM3)
Connector for Remote
ON/OFF (optional)
Voltage adjust (optional)
Name plate
Mounting
Hole
Mounting Hole
23
7
225
7
4-
º3.5
2-
º3.5
º3.5
195
185+
-0.5
210+
-0.5
210+
-0.5
CN2
C119
CN3
CN1
FG
AC(N)
AC(L)
Output(-)
Output(+)
RC(-)
RC(+)
4-M3
CN3
CN2
CN1
Mounting Hole
2-M3
5
PCB t=1.6
I / O Connector Mating Connector
Terminal
(Mfr: J.S.T.)
CN1
CN2
CN3
B3P5-VH
B4P-VH
B2B-XH-A
VHR-5N
VHR-4N
XHP-2
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
Performance data



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com