Electronic Components Datasheet Search
  English  ▼

X  

LEA150F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEA150F
Description  Basic Characteristics Data
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEA150F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEA150F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA150F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA150F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA150F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA150F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA150F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Basic Characteristics Data
*1 Refer to Instruction Manual.
*2 The value of input current is at ACIN 100V and rated load.
input fuse
250V 5A
250V 5A
Rated
Basic Characteristics Data
LEA100F
LEA150F
LEA50F
LEA75F
Model
1.4
Forward converter
Forward converter
Active filter
2.0
130
130
80
frequency
Switching
Circuit method
Forward converter
Forward converter
Active filter
Active filter
Active filter
[A]
1.1
0.7
current
Input
130
80
130
80
80
*2
operation availability
*1
*1
*1
*1
Series/Parallel
Parallel
operation
Yes
Yes
CEM-3
Thermistor
Thermistor
CEM-3
Yes
Yes
PCB/Pattern
Thermistor
Thermistor
Inrush
protection
current
CEM-3
CEM-3
Material
Double
sided
Yes
Yes
sided
Single
Yes
Yes
Series
operation
250V 3.15A
250V 3.15A
[kHz]
LEA-10
LEA


Similar Part No. - LEA150F

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F Datasheet
139Kb / 2P
Rugged PCB type
logo
List of Unclassifed Man...
LEA150F ETC2-LEA150F Datasheet
403Kb / 8P
MAX OUTPUT WATTAGE
logo
RSG Electronic Componen...
LEA150F-12 RSG-LEA150F-12 Datasheet
139Kb / 2P
Rugged PCB type
LEA150F-15 RSG-LEA150F-15 Datasheet
139Kb / 2P
Rugged PCB type
LEA150F-18 RSG-LEA150F-18 Datasheet
139Kb / 2P
Rugged PCB type
More results

Similar Description - LEA150F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2210V SANYO-LV2210V Datasheet
199Kb / 15P
Basic Data Communication Receiver IC
logo
Honeywell Solid State E...
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
SWITCH-BASIC
logo
Murata Manufacturing Co...
GRM31CR71A475KA01L MURATA-GRM31CR71A475KA01L Datasheet
26Kb / 1P
Chip Monolithic Ceramic Capacitor Electrical Characteristics Data
logo
Panasonic Semiconductor
PAN1026A PANASONIC-PAN1026A Datasheet
891Kb / 26P
Bluetooth Basic Data Rate and Low Energy Module
logo
PHOENIX CONTACT
102973 PHOENIX-102973 Datasheet
199Kb / 5P
PSI-DATA/BASIC-MODEM/RS232
logo
Panasonic Semiconductor
PAN1326C2 PANASONIC-PAN1326C2 Datasheet
1Mb / 50P
Bluetooth Basic Data Rate and Low Energy Module
PAN1326C PANASONIC-PAN1326C Datasheet
1Mb / 48P
Bluetooth Basic Data Rate and Low Energy Module
logo
PHOENIX CONTACT
2313067 PHOENIX-2313067 Datasheet
86Kb / 6P
Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
logo
COSEL CO., LTD.
CHS1202412-BC COSEL-CHS1202412-BC Datasheet
2Mb / 22P
Basic Characteristics Data
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com