Electronic Components Datasheet Search
  English  ▼

X  

OA31 Datasheet(PDF) 1 Page - ams AG

Part # OA31
Description  OA31 is an OR / AND circuit providing the logical function Q = [ (ABC)D ]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OA31 Datasheet(HTML) 1 Page - ams AG

  OA31 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OA31 is an OR/AND circuit providing the logical function Q = [ (A+B+C).D ].
Truth Table
OA31
A
C
D
Q
B
Capacitance
AB
C
D
Q
Ci (pF)
L
L
L
X
L
A
0.055
X
X
X
L
L
B
0.055
X
X
H
H
H
C
0.063
X
H
X
H
H
D
0.032
HX
X
H
H
Area
Power
0.81 mils
2
2.40 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.68
2.06
2.78
0.78
2.15
2.79
tpdaf
0.74
1.86
2.40
0.86
1.97
2.53
Delay B to Q
tpdbr
0.63
2.01
2.69
0.73
2.06
2.73
tpdbf
0.72
1.86
2.37
0.90
2.01
2.56
Delay C to Q
tpdcr
0.57
1.96
2.59
0.64
1.96
2.65
tpdcf
0.65
1.77
2.33
0.91
2.04
2.58
Delay D to Q
tpddr
0.63
2.02
2.70
0.80
2.19
2.85
tpddf
0.64
1.80
2.34
0.99
2.15
2.70
Output Slope A to Q
op_slar
1.00
5.37
7.36
0.96
5.21
7.52
op_slaf
0.77
3.67
4.98
0.76
3.57
5.07
Output Slope B to Q
op_slbr
1.00
5.17
7.61
0.93
5.30
7.50
op_slbf
0.77
3.63
5.05
0.78
3.73
4.98
Output Slope C to Q
op_slcr
0.98
5.27
7.56
0.95
5.26
7.52
op_slcf
0.77
3.51
5.05
0.76
3.61
4.95
Output Slope D to Q
op_sldr
1.00
5.37
7.61
0.95
5.30
7.53
op_sldf
0.80
3.65
5.35
0.86
3.81
5.33
Sept. 1996
- 284 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OA31


Similar Part No. - OA31

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA300 ORIONFANS-OA300 Datasheet
4Mb / 2P
UL and cUL Recognized
OA300 ORIONFANS-OA300 Datasheet
5Mb / 8P
AC & EC FANS
OA300-A ORIONFANS-OA300-A Datasheet
4Mb / 2P
UL and cUL Recognized
OA300-DV ORIONFANS-OA300-DV Datasheet
4Mb / 2P
UL and cUL Recognized
OA300-DV ORIONFANS-OA300-DV Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OA31

ManufacturerPart #DatasheetDescription
logo
ams AG
ON222 AMSCO-ON222 Datasheet
17Kb / 2P
ON222 is an OR / NAND circuit providing the logical function Q = NOT (AB).(CD).(EF)
ON322 AMSCO-ON322 Datasheet
17Kb / 2P
ON322 is an OR / NAND circuit providing the logical function Q = NOT [ (ABC).(DE).(FG) ]
OA211 AMSCO-OA211 Datasheet
9Kb / 1P
OA211 is an OR / AND circuit providing the logical function Q = [ (AB).C.D ].
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
OA32 ETC-OA32 Datasheet
15Kb / 2P
OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
ON22 ETC-ON22 Datasheet
11Kb / 1P
ON22 is an OR / NAND circuit providing the logical function Q = NOT [ (AB).(CD) ].
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
ON21 ETC1-ON21 Datasheet
10Kb / 1P
ON21 is an OR / NAND circuit providing the logical function Q = NOT ( (AB) C )
logo
ams AG
AO311 AMSCO-AO311 Datasheet
13Kb / 1P
AO311 is an AND / OR circuit providing the logical function Q = (A.B.CDE).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com