Electronic Components Datasheet Search
  English  ▼

X  

2825HCBI Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 2825HCBI
Description  Color temperature: up to 4,000 K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

2825HCBI Datasheet(HTML) 1 Page - OSRAM GmbH

  2825HCBI Datasheet HTML 1Page - OSRAM GmbH 2825HCBI Datasheet HTML 2Page - OSRAM GmbH 2825HCBI Datasheet HTML 3Page - OSRAM GmbH 2825HCBI Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product benefits
_ Stylish look
_ Bluish white light for xenon look
Product features
_ Color temperature: up to 4,000 K
_ High luminous flux
Product datasheet
2825HCBI
COOL BLUE INTENSE | Signal lamps for cars and motorcycles
Areas of application
_ Number plate light
_ Position and parking light
__
December 12, 2016, 08:25:25
© 2016, OSRAM GmbH. All rights reserved.
2825HCBI
Page 1 of 4


Similar Part No. - 2825HCBI

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2825 KR-2825 Datasheet
49Kb / 2P
196 MHz bandpass filter
logo
PHOENIX CONTACT
2825 PHOENIX-2825 Datasheet
829Kb / 7P
Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
Heyco.
2825 HEYCO-2825 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
2825-F ETC2-2825-F Datasheet
80Kb / 1P
KNOB
2825-H ETC2-2825-H Datasheet
80Kb / 1P
KNOB
More results

Similar Description - 2825HCBI

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N111195 E-SWITCH-N111195 Datasheet
77Kb / 1P
PACKAGING: 4,000 PCS PER REEL
logo
OSRAM GmbH
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
Modern and intense light with up to 6,000 K
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
LEDIL103 OSRAM-LEDIL103 Datasheet
154Kb / 4P
Color temperature: up to 6,000 K
logo
Maxic Technology Corpor...
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
Color Temperature Switch Controller
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
Color Temperature Switch Controller
logo
Fortune Semiconductor C...
FS9922-DMM3 FORTUNE-FS9922-DMM3 Datasheet
1Mb / 35P
Integrated Circuits of 4,000 Counts
logo
AIC tech Inc.
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com