Electronic Components Datasheet Search
  English  ▼

X  

RT9164 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9164
Description  1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9164 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9164 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9164
www.richtek-ic.com.tw
DS9164-08 May 2001
2
Absolute Maximum Ratings
Input Voltage
12V
Package Thermal Resistance
SOT-223,
θJC
15
°C/W
SOT-223,
θJA
(1)
60
°C/W
TO-252,
θJC
15
°C/W
TO-252,
θJA
(1)
56
°C/W
Operating Junction Temperature Range
0
°C to 125°C
Storage Temperature Range
−65°C to 150°C
Lead Temperature (Soldering, 10 sec.)
260
°C
Note: (1) Minimum pad size of 0.038 IN
2
Electrical Characteristics
(TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
IOUT = 10mA, (VIN-VOUT) = 2V,
TA = 25
°C
1.238 1.250 1.262
V
Reference Voltage
(1) RT9164
VREF
10mA
< IOUT < 1A,
1.4V
< VIN-VOUT < 10V
1.225 1.250 1.270
V
IOUT = 10mA, VIN = 4.0V, TJ = 25
°C
2.475 2.500 2.525
V
RT9164-25
0
< IOUT < 1A, 4.0V < VIN < 10V
2.450 2.500 2.550
V
IOUT = 10mA, VIN = 4.25V, TJ = 25
°C 2.820 2.850 2.880
V
RT9164-28
0
< IOUT < 1A, 4.25V < VIN < 10V
2.790 2.850 2.910
V
IOUT = 10mA, VIN = 4.75V, TJ = 25
°C 3.267 3.300 3.333
V
RT9164-33
0
< IOUT < 1A, 4.75V < VIN < 10V
3.235 3.300 3.365
V
IOUT = 10mA, VIN = 5V, TJ = 25
°C
3.465 3.500 3.535
V
Output Voltage
(1)
RT9164-35
VOUT
0
< IOUT < 1A, 5.0V < VIN < 10V
3.430 3.500 3.570
V
RT9164
IOUT = 10mA,
1.5V
≤ VIN-VOUT ≤ 10V
--
0.1
0.3
%
RT9164-25
IOUT = 0mA, 4.0V
≤ VIN ≤ 12V
--
1
6
mV
RT9164-28
IOUT = 0mA, 4.25V
≤ VIN ≤ 12V
--
1
6
mV
RT9164-33
IOUT = 0mA, 4.75V
≤ VIN ≤ 12V
--
1
6
mV
Line Regulation
(1)
RT9164-35
∆VLINE
IOUT = 0mA, 5.0V
≤ VIN ≤ 12V
--
1
6
mV
RT9164
(VIN-VOUT) = 3V,
0mA
≤ IOUT ≤ 1A
--
0.2
0.4
%
RT9164-25
VIN = 4.0V, 0
≤ IOUT ≤ 1A
--
1
10
mV
RT9164-28
VIN = 4.25V, 0
≤ IOUT ≤ 1A
--
1
10
mV
RT9164-33
VIN = 4.75V, 0
≤ IOUT ≤ 1A
--
1
10
mV
Load Regulation
(1)
RT9164-35
∆VLOAD
VIN = 5.0V, 0
≤ IOUT ≤ 1A
--
1
15
mV
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com