Electronic Components Datasheet Search
  English  ▼

X  

PL610-01 Datasheet(PDF) 1 Page - Microchip Technology

Part # PL610-01
Description  1.8V to 3.3V, 1 MHz to 130 MHz XO IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01 Datasheet(HTML) 1 Page - Microchip Technology

  PL610-01 Datasheet HTML 1Page - Microchip Technology PL610-01 Datasheet HTML 2Page - Microchip Technology PL610-01 Datasheet HTML 3Page - Microchip Technology PL610-01 Datasheet HTML 4Page - Microchip Technology PL610-01 Datasheet HTML 5Page - Microchip Technology PL610-01 Datasheet HTML 6Page - Microchip Technology PL610-01 Datasheet HTML 7Page - Microchip Technology PL610-01 Datasheet HTML 8Page - Microchip Technology PL610-01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005615A-page 1
PL610-01
Features
• Wide Frequency Coverage, Programmable,
Advanced Oscillator Design
• Programmable “Odd/Even” Divider up to ÷63
• Direct Oscillation Operation with Optional
Programmable Features:
- Output Drive Strength (4 mA, 8 mA, or
16 mA)
- 6-bit Odd/Even Output Divider
• Input Frequency:
- Fundamental Crystal: 5 MHz to 130 MHz
- Reference Clock: 1 MHz to 130 MHz
• Supports CMOS or Sine Wave Input Clock
• Output Frequency: 20 kHz to 130 MHz
• Very Low Jitter and Phase Noise
• Low Current Consumption
• Single 1.8V ~ 3.3V ±10% Power Supply
• Operating Temperature Range from –40°C to
+85°C
• Available in 6-pin TDFN or SOT-23
GREEN/RoHS-Compliant Packaging
General Description
The PL610 is a high performance general purpose
oscillator IC for outputs up to 130 MHz. Designed to fit
in a small 2 mm x 1.3 mm TDFN or 3 mm x 3 mm
SOT-23 package, the PL610 offers the best phase
noise and jitter performance as well as the lowest
power consumption of any comparable IC.
In addition, there is a ‘6’ bit optional programmable
Odd/Even divider (default = ÷1), and ‘3’ programmable
output drive strengths (4 mA, 8 mA [default], 16 mA) to
choose from. The full feature set of the PL610 makes it
the most versatile XO for any application.
Block Diagram
PL610-01
FIN
XOUT
CLK0
OE, PDB, CLK1
Programmable
C
LOAD
Programmable Function
/1, 2
XTAL
OSC
P-Counter
(6-bit)
(PDB)
FREF
1.8V to 3.3V, 1 MHz to 130 MHz XO IC


Similar Part No. - PL610-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGC PLL-PL610-01-XXXGC Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGI PLL-PL610-01-XXXGI Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGI-R PLL-PL610-01-XXXGI-R Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL610-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
logo
PhaseLink Corporation
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com