Electronic Components Datasheet Search
  English  ▼

X  

AS5C1008 Datasheet(PDF) 2 Page - Micross Components

Part # AS5C1008
Description  Low active power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5C1008 Datasheet(HTML) 2 Page - Micross Components

  AS5C1008 Datasheet HTML 1Page - Micross Components AS5C1008 Datasheet HTML 2Page - Micross Components AS5C1008 Datasheet HTML 3Page - Micross Components AS5C1008 Datasheet HTML 4Page - Micross Components AS5C1008 Datasheet HTML 5Page - Micross Components AS5C1008 Datasheet HTML 6Page - Micross Components AS5C1008 Datasheet HTML 7Page - Micross Components AS5C1008 Datasheet HTML 8Page - Micross Components AS5C1008 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SRAM
AS5C1008
AS5C1008
Rev. 3.9 10/10
Micross Components reserves the right to change products or specifications without notice.
2
ABSOLUTE MAXIMUM RATINGS*
Vcc Supply Relative to GND...................................-0.5V to +7.0V
Voltage on any pin Relative to GND.........-0.5V to Vcc +7.0V
Storage Temperature ............................................-65
°C to +150°C
Ambient Temperature with Power Applied........-55oC to +125oC
Short Circuit Output Current.................................................260oC
Power Dissipation...................................................................1.0W
*Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operation section of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
FUNCTIONAL BLOCK DIAGRAM
A0
Address
A16
I/O0
Data
I/O7
CE\1
CE2
WE\
OE\
Decoder
Input Data
Control
Memory Matrix
Column I/O



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com