Electronic Components Datasheet Search
  English  ▼

X  

AS5LC512K8 Datasheet(PDF) 2 Page - Micross Components

Part # AS5LC512K8
Description  Ultra High Speed Asynchronous Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC512K8 Datasheet(HTML) 2 Page - Micross Components

  AS5LC512K8 Datasheet HTML 1Page - Micross Components AS5LC512K8 Datasheet HTML 2Page - Micross Components AS5LC512K8 Datasheet HTML 3Page - Micross Components AS5LC512K8 Datasheet HTML 4Page - Micross Components AS5LC512K8 Datasheet HTML 5Page - Micross Components AS5LC512K8 Datasheet HTML 6Page - Micross Components AS5LC512K8 Datasheet HTML 7Page - Micross Components AS5LC512K8 Datasheet HTML 8Page - Micross Components AS5LC512K8 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.4 10/13
Micross Components reserves the right to change products or specifications without notice.
2
FUNCTIONAL BLOCK DIAGRAM
TRUTH TABLE
MODE
OE\ CE\ WE\
I/O
POWER
STANDBY
X
H
X
HIGH-Z STANDBY
READ
L
L
H
Q
ACTIVE
NOT SELECTED
H
L
H
HIGH-Z ACTIVE
WRITE
X
L
L
D
ACTIVE
S
N
O
I
T
C
N
U
F
N
I
P
8
1
A
-
0
As
t
u
p
n
I
s
s
e
r
d
d
A
\
E
We
l
b
a
n
E
e
t
i
r
W
\
E
Ce
l
b
a
n
E
p
i
h
C
\
E
Oe
l
b
a
n
E
t
u
p
t
u
O
O
/
I
0
O
/
I
-
7
s
t
u
p
t
u
O
/
s
t
u
p
n
I
a
t
a
D
V
C
C
r
e
w
o
P
V
S
S
d
n
u
o
r
G
C
Nn
o
i
t
c
e
n
n
o
C
o
N
X = Don’t Care
VCC
GND
4,194,304-BIT
MEMORY ARRAY
1024 ROWS X
4096 COLUMNS
COLUMN DECODER
*POWER
DOWN
CE\
OE\
WE\
DQ8
DQ1
A0-A18
*On the low voltage Data Retention option.
GENERAL DESCRIPTION
The AS5LC512K8 is a 3.3V high speed SRAM. It offers flex-
ibility in high-speed memory applications, with chip enable (CE\) and
output enable (OE\) capabilities. These features can place the outputs
in High-Z for additional flexibility in system design.
Writing to these devices is accomplished when write enable (WE\)
and CE\ inputs are both LOW. Reading is accomplished when WE\
remains HIGH and CE\ and OE\ go LOW.
As a option, the device can be supplied offering a reduced power
standby mode, allowing system designers to meet low standby power
requirements. This device operates from a single +3.3V power supply
and all inputs and outputs are fully TTL-compatible.
The AS5LC512K8DJ offers the convenience and reliability of
the AS5LC512K8 SRAM and has the cost advantage of a plastic en-
capsulation. TSOPII with copper lead frames offers superior thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com