Electronic Components Datasheet Search
  English  ▼

X  

AS5LC1008 Datasheet(PDF) 1 Page - Micross Components

Part # AS5LC1008
Description  RoHS compliant options available
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC1008 Datasheet(HTML) 1 Page - Micross Components

  AS5LC1008 Datasheet HTML 1Page - Micross Components AS5LC1008 Datasheet HTML 2Page - Micross Components AS5LC1008 Datasheet HTML 3Page - Micross Components AS5LC1008 Datasheet HTML 4Page - Micross Components AS5LC1008 Datasheet HTML 5Page - Micross Components AS5LC1008 Datasheet HTML 6Page - Micross Components AS5LC1008 Datasheet HTML 7Page - Micross Components AS5LC1008 Datasheet HTML 8Page - Micross Components AS5LC1008 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SRAM
AS5LC1008
AS5LC1008
Rev. 1.4 10/13
Micross Components reserves the right to change products or specifications without notice.
1
FEATURES
• High-speed access times of 10, 12, 15 and 20 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for greater noise
immunity
• Easy memory expansion with CE\ and OE\ options
• CE\ power-down
• Fully static operation: no clock or refresh required
• TTL compatible inputs and outputs
• Single 3.3V power supply
• RoHS compliant options available
GENERAL DESCRIPTION
128K x 8 SRAM
High-Speed CMOS SRAM with
3.3V Revolutionary Pinout
PIN ASSIGNMENT
(Top View)
32-Pin, 400-mil
Plastic SOJ (DJ) & Plastic TSOPII (DGC & DGCR)
The AS5LC1008 is a very high-speed, low power,
131,072-word by 8-bit CMOS static RAM in revolutionary
pinout. The AS5LC1008 is fabricated using high-performance
CMOS technology. This highly reliable process coupled with
innovative circuit design techniques, yields higher performance
and low power consumption devices.
When CE\ is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be reduced
down to 250μW (typical) with CMOS input levels.
The AS5LC1008 operates from a single 3.3V power supply
and all inputs are TTL-compatible.
OPTIONS
MARKING
• Timing
10ns access
-10
12ns access
-12
15ns access
-15
20ns access
-20
• Package
Plastic SOJ (32-pin, 400-mil)
DJ
No. 906
• Operating Temperature Ranges
-Military (-55oC to +125oC)
/XT
-Industrial (-40oC to +85oC)
/IT
• 2V Data Retention / Low Power
L
For more products and information
please visit our web site at
www.micross.com
PIN FUNCTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0
A1
A2
A3
CE\
I/O 0
I/O 1
Vcc
GND
I/O 2
I/O 3
WE\
A4
A5
A6
A7
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE\
I/O 7
I/O 6
GND
Vcc
I/O 5
I/O 4
A12
A11
A10
A9
A8
PIN
DESCRIPTION
A0 - A16
Address Inputs
CE\
Chip Enable Input
OE\
Output Enable Input
WE\
Write Enable Input
I/O0 - I/O7
Bidirectional Ports
VCC
Power
GND
Ground


Similar Part No. - AS5LC1008

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
527Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/IT AUSTIN-AS5LC1008DCJ-10/IT Datasheet
121Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/IT AUSTIN-AS5LC1008DCJ-10/IT Datasheet
527Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/XT AUSTIN-AS5LC1008DCJ-10/XT Datasheet
121Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results

Similar Description - AS5LC1008

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
RoHS Compliant Versions Available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
RoHS Compliant Available
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
RoHS Compliant Options Available
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
Lead free, RoHS compliant construction available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com