Electronic Components Datasheet Search
  English  ▼

X  

2N2907 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2907
Description  Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907 Datasheet(HTML) 1 Page - Seme LAB

  2N2907 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2907
Bipolar PNP Device.
V
CEO =
40V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.6
A
h
FE
@ 10/0.15 (V
CE / IC)
100
300
-
f
t
200M
Hz
P
D
0.4
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - 2N2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
logo
STMicroelectronics
2N2907 STMICROELECTRONICS-2N2907 Datasheet
233Kb / 4P
1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Semicoa Semiconductor
2N2907 SEMICOA-2N2907 Datasheet
31Kb / 1P
Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2907 SIEMENS-2N2907 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
logo
Micro Electronics
2N2907 MICRO-ELECTRONICS-2N2907 Datasheet
231Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N2907

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N995 SEME-LAB-SF_2N995 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N2894A SEME-LAB-SF_2N2894A Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_CV7676 SEME-LAB-SF_CV7676 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N869 SEME-LAB-SF_2N869 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
BC478B SEME-LAB-BC478B Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
List of Unclassifed Man...
CV9543 ETC-CV9543 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
Seme LAB
BCW35 SEME-LAB-BCW35 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
CV10814 SEME-LAB-CV10814 Datasheet
13Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
V741 SEME-LAB-V741 Datasheet
13Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
2N3250 SEME-LAB-2N3250 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com