| Electronic Components Datasheet Search |
|
AS5SS256K36 Datasheet(PDF) 13 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
AS5SS256K36 Datasheet(HTML) 13 Page - Micross Components |
|
13 / 17 page ![]() SSRAM AS5SS256K36 AS5SS256K36 Rev. 4.4 10/13 Micross Components reserves the right to change products or specifications without notice. 13 NOTE: 1. D(A2) refers to output from address A2. D(A2+1) refers to output from the next internal burst address following A2. 2. CE2\ and CE2 have timing identical to CE\. On this diagram, when CE\ is LOW, CE2\ is LOW and CE2 is HIGH. When CE\ is HIGH, CE2\ is HIGH and CE2 is LOW. 3. OE\ must be HIGH before the input data setup and held HIGH throughout the data hold time. This prevents input/output data contention for the time period prior to the byte write enable inputs being sampled. 4. ADV\ must be HIGH to permit a WRITE to the loaded address. 5. Full-width WRITE can be initiated by GW\ LOW; or GW\ HIGH and BEW\, BWa\ - BWd\ LOW. WRITE TIMING CLK ADSP\ ADSS ADSC\ ADDRESS BWE\ BWa\ - BWd\ CE\ (See Note) ADV\ OE\ t ADSH tAS tAH tDS Single WRITE BURST WRITE GW\ D Extended BURST WRITE t A3 D(A2) D(A2+1) D(A2+2) D(A2+3) D(A3) D(A3+1) D(A3+2) D(A1) D(A2+1) t KC t KL t KH Q High-Z ADSS t ADSH t A1 A2 BYTE WRITE signals are ignored when ADSP\ is LOW. ADSS t ADSH t BURST READ ADSC\ extends burst. WS t WH t WS t WH t (Note 5) CES tCEH t (Note 4) AAS tAAH t ADV\ suspends burst. (Note 3) tDH tOEHZ (Note 1) Don’t Care Undefined |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |