Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-MSCSP Datasheet(PDF) 6 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 2Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 3Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 4Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 5Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 6Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 7Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 8Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 9Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
General description
BlueNRG-MS
2
General description
The BlueNRG-MS is a single-mode Bluetooth low energy master/slave network processor,
compliant with the Bluetooth specification v4.1.
It integrates a 2.4 GHz RF transceiver and a powerful Cortex-M0 microcontroller, on which
a complete power-optimized stack for Bluetooth single mode protocol runs, providing:
•
Master, slave role support
•
GAP: central, peripheral, observer or broadcaster roles
•
ATT/GATT: client and server
•
SM: privacy, authentication and authorization
•
L2CAP
•
Link Layer: AES-128 encryption and decryption
An on-chip non-volatile Flash memory allows on-field Bluetooth low energy stack upgrade.
In addition, according the Bluetooth specification v4.1 the BlueNRG-MS can support the
following features through firmware updates:
•
Multiple roles simultaneously support
•
Support simultaneous advertising and scanning
•
Support being Slave of up to two Masters simultaneously
•
Privacy V1.1
•
Low Duty Cycle Directed Advertising
The device allows applications to meet of the tight advisable peak current requirements
imposed with the use of standard coin cell batteries. If the high efficiency embedded DC-
DC step-down converter is used, the maximum input current is only 15 mA at the highest
output power (+8 dBm). Even if the DC-DC converter is not used, the maximum input
current is only 29 mA at the highest output power, still preserving battery life.
Ultra low-power sleep modes and very short transition time between operating modes
result in very low average current consumption during real operating conditions, providing
very long battery life.
Two different external matching networks are suggested: standard mode (TX output power
up to +5 dBm) and high power mode (TX output power up to +8 dBm).
The external host application processor, where the application resides, is interfaced with
the BlueNRG-MS through an application controller interface protocol which is based on a
standard SPI interface.
6/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com