Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-02OABRY Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-02OABRY
Description  IPAD automotive grade integrated protected low pass filter for BroadR Reach interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-02OABRY Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-02OABRY Datasheet HTML 1Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 2Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 3Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 4Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 5Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 6Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 7Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 8Page - STMicroelectronics EMIF02-02OABRY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
EMIF02-02OABRY
2/11
DocID029487 Rev 1
1
Characteristics
Figure 2. BroadR Reach application schematic
Table 1. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter and test conditions
Value
Unit
VPP
External pins (pin 1 and pin 3):
IEC 61000-4-2 (330 Ω / 150 pF)
air discharge
contact discharge
±15
±15
kV
External pins (pin 1 and pin 3):
ISO 10605 (330 Ω / 330 pF)
air discharge
contact discharge
±15
±15
VPP
Transceiver side pins: HBM (pin 4 and pin 6)
±2
kV
TL
Maximum lead temperature for soldering 10 s
260
°C
Top
Operating junction temperature range
-40 to +125
°C
Tstg
Storage temperature range
-55 to +125
°C
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Conditions
Min.
Typ.
Max.
Unit
VBR
Internal protection diode breakdown voltage,
IR = 20 mA
6V
VCL
IPP = 1 A, 8/20 µs
10.5
V
RDC
Serial resistance (pins 3 to 4 or 1 to 6)
12
Ω
Sdd11
From 10 MHz to 60 MHz, Tj = -40 °C to 125 °C
-20
dB
Sdd22
-20
Scd21
Sdc21
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11