Electronic Components Datasheet Search
  English  ▼

X  

FERD20H100SH Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD20H100SH
Description  100 V field-effect rectifier diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20H100SH Datasheet(HTML) 1 Page - STMicroelectronics

  FERD20H100SH Datasheet HTML 1Page - STMicroelectronics FERD20H100SH Datasheet HTML 2Page - STMicroelectronics FERD20H100SH Datasheet HTML 3Page - STMicroelectronics FERD20H100SH Datasheet HTML 4Page - STMicroelectronics FERD20H100SH Datasheet HTML 5Page - STMicroelectronics FERD20H100SH Datasheet HTML 6Page - STMicroelectronics FERD20H100SH Datasheet HTML 7Page - STMicroelectronics FERD20H100SH Datasheet HTML 8Page - STMicroelectronics FERD20H100SH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2016
DocID029022 Rev 2
1/15
This is information on a product in full production.
www.st.com
FERD20H100S
100 V field-effect rectifier diode
Datasheet - production data
Features
ST advanced rectifier process
Stable leakage current over reverse voltage
Reduced leakage current
Low forward voltage drop
High frequency operation
Insulated package TO-220FPAB :
Insulated voltage : 2000 VRMS sine
Description
The device is based on a proprietary technology
that achieves the best in class VF/IR trade-off for a
given silicon surface. This 100 V rectifier has
been optimized for use in confined applications
where both efficiency and thermal performance
are key. With a lower dependency of leakage
current (IR) and forward voltage (VF) in function of
temperature, the thermal runaway risk is reduced.
It is highly recommended to be used in adapters
and chargers.
Table 1: Device summary
Symbol
Value
IF(AV)
20 A
VRRM
100 V
VF (max.)
0.415 V
IR (max.)
140 µA
Tj (max.)
175 °C
TO-220AB
TO-220FPAB
DPAK
IPAK
A
K
A
A
K
A
K
A
A
K
K
K
K
A
A
A
K
A


Similar Part No. - FERD20H100SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD20H100SH STMICROELECTRONICS-FERD20H100SH Datasheet
256Kb / 16P
100 V, 20 A field-effect rectifier diode
22-Jun-2020
More results

Similar Description - FERD20H100SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
100 V field-effect rectifier diode
07-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
50 V field-effect rectifier diode
February 2017 Rev 1
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
100 V field-effect rectifier diode
14-Nov-2017
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com