Electronic Components Datasheet Search
  English  ▼

X  

TLS205B0LDV Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLS205B0LDV
Description  Linear Voltage Post Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0LDV Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLS205B0LDV Datasheet HTML 14Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 15Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 16Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 17Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 18Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 19Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 20Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 21Page - Infineon Technologies AG TLS205B0LDV Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Data Sheet
18
Rev. 1.2, 2015-01-15
TLS205B0
Electrical Characteristics
GND Pin Current
I
GND versus
Output Current
I
Q
EN Pin Threshold (On-to-Off) versus
Junction Temperature
T
J
EN Pin Threshold (Off-to-On) versus
Junction temperature
T
J
EN Pin Input Current (On-to-Off) versus
EN Pin Voltage
V
EN
0
100
200
300
400
500
0
2
4
6
8
10
12
I
Q
[mA]
V
I
= V
Q,nom
+ 1 V
T
j
= 25
° C
−50
0
50
100
0
0.2
0.4
0.6
0.8
1
1.2
T
j
[
°C]
1 mA
500 mA
−50
0
50
100
0
0.2
0.4
0.6
0.8
1
1.2
T
j
[
°C]
1 mA
500 mA
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
EN
[V]
T
j
= 25
°C
V
I
= 20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com