Electronic Components Datasheet Search
  English  ▼

X  

LEV200 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # LEV200
Description  n Versatile coil/power connections
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LEV200 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  LEV200 Datasheet HTML 1Page - TE Connectivity Ltd LEV200 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
Typical Part Number
LEV200 A4N A A
Series:
LEV200 = 500+ Amp, 12-900Vdc Contactor
Contact Form:
A = Normally Open
H = Normally Open with Aux. Contacts. (Option
“H” requires option “A” in Coil Wire Length
and option “N” in Coil Terminal Connector.)
Note: Other auxiliary contact forms available.
Consult factory.
Coil Voltage:
4 = 12Vdc
5 = 24Vdc
B = 28Vdc
6 = 48Vdc
K = 72Vdc
8 = 96Vdc
L = 110Vdc O = 115Vac 9 = 240Vac
Notes: Consult factory for detailed specifications
and availability of coils not listed in
“Coil Data” table above. In coil voltage
codes, 115Vac is designated by the
letter “O” rather than the numeral “0.”
Coil Wire Length:
A = 15.3 in (390 mm)
N = None (Requires option
“A” in next step.)
Coil Terminal Connector:
N = None, stripped wires
(Requires option “A” in previous step.)
A = Studs, #10-32 Threaded (Electrical connection
is made to the tab at the base of the stud.)
Note: Specify option A, stripped wires, for coil voltages
> 96Vdc
Mounting & Power Terminals:
A = Bottom Mount & Male 10mm x M8 Threaded Terminals
F = Side Mount & Male 10mm x M8 Threaded Terminals
Consult factory regarding other available mountings and
power terminals.
7–32
KILOVAC High Voltage DC Contactors
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
KILOVAC LEV200 Series Contactor With 1 Form X
Contacts Rated 500+ Amps, 12-900Vdc
Performance Data
Contact Arrangement, Power
Contacts — 1 Form X (SPST-NO-DM)
Rated Operating Voltage —
12 - 900 VDC
Continuous (Carry) Current,
Typical — 500 A @ 65°C, 400 mcm
conductors
Consult TE for required conductors for
higher (500+ A) currents
Make/Break Current at Various
Voltages 1 — See graph next page
Break Current at 320VDC 1 —
2,000 A, 1 cycle 3
Contact Resistance, Typ.
(@200A) — 0.2 mohms
Load Life — See graph next page
Mechanical Life — 1 million cycles
Contact Arrangement, Auxiliary
Contacts — 1 Form A (SPST-NO)
Aux. Contact Current, Max. —
2A @ 30VDC / 3A @ 125VAC
Aux. Contact Current, Min. —
100mA @ 8V
Aux. Contact Resistance, Max. —
0.417 ohms @ 30VDC /
.150 ohms @ 125VAC
Operate Time @ 25°C —
Close (includes bounce), Typ. — 25 ms
Bounce (after close only), Max. — 7 ms
Release (includes arcing), Max @
2000A — 12 ms
Dielectric Withstanding Voltage —
2,200 Vrms @ sea level (leakage <1mA)
Insulation Resistance @ 500VDC —
100 megohms 2
Shock, 11ms 1/2 Sine, Peak,
Operating — 20 G
Vibration, Sine, 80-2000Hz.,
Peak — 20 G
Operating Ambient Temperature —
-40°C to +85°C
Weight, Typical — 1.3 lb. (.60 kg)
Notes:
1
Main power contacts
2
50 at end of life
3
Does not meet dielectric & IR after
test, 1700 amp for unit with Aux.
Contacts
4
Contacts will operate with 0.8Vnom
< Vcoil < 1.1Vnom over temperature
range.
Coil Data (Valid Over Temperature Range) 4
Nominal Voltage
12Vdc
24Vdc
48Vdc
72Vdc
Pickup Voltage (Will Operate)
9.0Vdc
19.0Vdc
38.0Vdc
57.0Vdc
Voltage (Max.)
15Vdc
30Vdc
60Vdc
90Vdc
Dropout Voltage
0.75 -
1.0 -
2.0 -
3.0 -
2.0Vdc
5.0Vdc
7.0Vdc
12.0Vdc
Coil Resistance @ 25° (Typ.)
11 ohms
40 ohms
145 ohms
357 ohms
Product Facts
n Designed to be the lowest
cost sealed contactor in the
industry with its current
rating (500+A carry, 2000A
interrupt at 320Vdc)
n Available with bottom or
side mounting — not
position sensitive
n Optional auxiliary contact
for easy monitoring of
power contact position
n Hermetically sealed —
intrinsically safe, operates
in explosive/harsh
environments with no
oxidation or contamination
of coils or contacts,
including long periods of
non-operation
n Typical applications include
battery switching and
backup, DC voltage power
control, circuit protection
and safety
n Versatile coil/power
connections
n Designed and built in
accordance to AIAG QS9000
n RoHS compliant
Invalid
Combinations/Reason
LEV200H-NA_
No auxiliary function with coil studs
LEV200_ONA_
No coil studs with rectifier circuit
LEV200_9NA_
No coil studs with rectifier circuit
LEV200_O_F
No side mont with rectifier circuit
LEV200_9_F
No side mount with rectifier circuit


Similar Part No. - LEV200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LEV200A0AAA MACOM-LEV200A0AAA Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
LEV200A0ANA MACOM-LEV200A0ANA Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
LEV200A0ANF MACOM-LEV200A0ANF Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
LEV200A0NAA MACOM-LEV200A0NAA Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
LEV200A0NNA MACOM-LEV200A0NNA Datasheet
297Kb / 2P
KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
More results

Similar Description - LEV200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
Terminal connections
logo
Mill-Max Mfg. Corp.
0854-0-15-20-82-14-11-0 MILL-MAX-0854-0-15-20-82-14-11-0 Datasheet
103Kb / 2P
MAXIMUM CONNECTIONS
logo
Tyco Electronics
KILOVAC-EV200 MACOM-KILOVAC-EV200 Datasheet
255Kb / 2P
Versatile coil/power connections
logo
TE Connectivity Ltd
KILOVAC-LEV200 TEC-KILOVAC-LEV200 Datasheet
469Kb / 2P
n Versatile coil/power connections
logo
American Electronic Com...
DG08 AEC-DG08 Datasheet
328Kb / 3P
simplified coil connections
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
Power connections
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
Versatile Filtered Power Entry Module
logo
Maxim Integrated Produc...
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
VGA Connections and Power
Rev 0; 1/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com