Electronic Components Datasheet Search
  English  ▼

X  

6413621W12VB Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 6413621W12VB
Description  Original spare parts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

6413621W12VB Datasheet(HTML) 4 Page - OSRAM GmbH

  6413621W12VB Datasheet HTML 1Page - OSRAM GmbH 6413621W12VB Datasheet HTML 2Page - OSRAM GmbH 6413621W12VB Datasheet HTML 3Page - OSRAM GmbH 6413621W12VB Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4008321095190
64136
Unpacked
1
41 mm x 10 mm x
23 mm
0.01 dm³
5.00 g
4008321095206
64136
Folding carton box
10
39 mm x 56 mm x
145 mm
0.32 dm³
46.00 g
4008321095213
64136
Shipping carton box
50
205 mm x 64 mm x
144 mm
1.89 dm³
283.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:55:29
© 2016, OSRAM GmbH. All rights reserved.
64136
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com