Electronic Components Datasheet Search
  English  ▼

X  

TLS805B1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS805B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS805B1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS805B1 Datasheet HTML 9Page - Infineon Technologies AG TLS805B1 Datasheet HTML 10Page - Infineon Technologies AG TLS805B1 Datasheet HTML 11Page - Infineon Technologies AG TLS805B1 Datasheet HTML 12Page - Infineon Technologies AG TLS805B1 Datasheet HTML 13Page - Infineon Technologies AG TLS805B1 Datasheet HTML 14Page - Infineon Technologies AG TLS805B1 Datasheet HTML 15Page - Infineon Technologies AG TLS805B1 Datasheet HTML 16Page - Infineon Technologies AG TLS805B1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
13
Rev. 1.2 2016-01-11
TLS805B1SJ/LDV
Block Description and Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulation
Typical Performance Characteristics
Output Voltage VQ versus
Junction Temperature Tj
Output Current IQ versus
Input Voltage VI
Dropout Voltage Vdr versus
Junction Temperature Tj
Dropout Voltage Vdr versus
Output Current IQ
0
50
100
150
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
T
j
[
°C]
V
I
= 13.5 V
I
Q
= 25 mA
V
Q,nom
= 1.2 V
0
10
20
30
40
0
20
40
60
80
100
120
V
I
[V]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
50
100
150
0
20
40
60
80
100
120
140
160
180
200
T
j
[
°C]
I
Q
= 10 mA
I
Q
= 25 mA
I
Q
= 50 mA
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
180
200
I
Q
[mA]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com