Electronic Components Datasheet Search
  English  ▼

X  

SST39VF401C Datasheet(PDF) 33 Page - Microchip Technology

Part # SST39VF401C
Description  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST39VF401C Datasheet HTML 29Page - Microchip Technology SST39VF401C Datasheet HTML 30Page - Microchip Technology SST39VF401C Datasheet HTML 31Page - Microchip Technology SST39VF401C Datasheet HTML 32Page - Microchip Technology SST39VF401C Datasheet HTML 33Page - Microchip Technology SST39VF401C Datasheet HTML 34Page - Microchip Technology SST39VF401C Datasheet HTML 35Page - Microchip Technology SST39VF401C Datasheet HTML 36Page - Microchip Technology SST39VF401C Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
33
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Product Ordering Information
SST
39
VF
401C
-
70
-
4C
-
EKE
XX
XX
XXXX
-
XX
-
XX
-
XXX
Environmental Attribute
E1 = non-Pb
Package Modifier
K = 48 balls or leads
Q = 48 balls (66 possible positions)
Package Type
E = TSOP (type1, die up, 12mm x 20mm)
B3 = TFBGA (6mm x 8mm, 0.8mm pitch)
MA = WFBGA (4mm x 6mm, 0.5mm pitch)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
70 = 70 ns
55 = 55 ns
Hardware Block Protection
1 = Bottom Boot-Block
2 = Top Boot-Block
Device Density
40 = 4 Mbit
Voltage
V = 2.7-3.6V
L = 3.0-3.6V
Product Series
39 = Multi-Purpose Flash
1. Environmental suffix “E” denotes non-Pb solder.
non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com