Electronic Components Datasheet Search
  English  ▼

X  

USB2240II-AEZG Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2240II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240II-AEZG Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2240II-AEZG Datasheet HTML 7Page - Microchip Technology USB2240II-AEZG Datasheet HTML 8Page - Microchip Technology USB2240II-AEZG Datasheet HTML 9Page - Microchip Technology USB2240II-AEZG Datasheet HTML 10Page - Microchip Technology USB2240II-AEZG Datasheet HTML 11Page - Microchip Technology USB2240II-AEZG Datasheet HTML 12Page - Microchip Technology USB2240II-AEZG Datasheet HTML 13Page - Microchip Technology USB2240II-AEZG Datasheet HTML 14Page - Microchip Technology USB2240II-AEZG Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 11
USB224X
TABLE 5-2:
USB2241/2241I 36-PIN QFN PACKAGE
SD/MS INTERFACE (14 PINS)
SD_D1 /
MS_D5
SD_D0 /
MS_D4
SD_D7 /
MS_D6
SD_D6 /
MS_D7
SD_CLK /
MS_BS
SD_D5 /
MS_D1
SD_CMD /
MS_D0
SD_D4 /
MS_D2
SD_D3 /
MS_D3
SD_D2
SD_WP /
MS_SCLK
MS_INS
NC
SD_nCD
USB INTERFACE (5 PINS)
USB+
USB-
XTAL1 (CLKIN)
XTAL2
RBIAS
MISC (11 Pins)
LED
RXD /
SDA
NC
TXD /
SCK /
MS_SKT_SEL
CRD_PWR
TEST
RESET_N
(4) NC
DIGITAL, POWER (6 PINS)
(3) VDD33
VDDA33
VDD18
VDD18PLL
TOTAL 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43