Electronic Components Datasheet Search
  English  ▼

X  

SST25PF080B Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25PF080B
Description  8 Mbit 2.3-3.6V SPI Serial Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25PF080B Datasheet HTML 12Page - Microchip Technology SST25PF080B Datasheet HTML 13Page - Microchip Technology SST25PF080B Datasheet HTML 14Page - Microchip Technology SST25PF080B Datasheet HTML 15Page - Microchip Technology SST25PF080B Datasheet HTML 16Page - Microchip Technology SST25PF080B Datasheet HTML 17Page - Microchip Technology SST25PF080B Datasheet HTML 18Page - Microchip Technology SST25PF080B Datasheet HTML 19Page - Microchip Technology SST25PF080B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
SST25PF080B
DS20005137B-page 16
 2014 Microchip Technology Inc.
4.8.5
WRITE-STATUS-REGISTER (WRSR)
The Write-Status-Register instruction writes new val-
ues to the BP2, BP1, BP0, and BPL bits of the status
register. CE# must be driven low before the command
sequence of the WRSR instruction is entered and
driven high before the WRSR instruction is executed.
See Figure 4-17 for EWSR or WREN and WRSR
instruction sequences.
Executing the Write-Status-Register instruction will be
ignored when WP# is low and BPL bit is set to “1”.
When the WP# is low, the BPL bit can only be set from
“0” to “1” to lock-down the status register, but cannot be
reset from “1” to “0”. When WP# is high, the lock-down
function of the BPL bit is disabled and the BPL, BP0,
BP1, and BP2 bits in the status register can all be
changed. As long as BPL bit is set to 0 or WP# pin is
driven high (VIH) prior to the low-to-high transition of the
CE# pin at the end of the WRSR instruction, the bits in
the status register can all be altered by the WRSR
instruction. In this case, a single WRSR instruction can
set the BPL bit to “1” to lock down the status register as
well as altering the BP0, BP1, and BP2 bits at the same
time. See Table 4-1 for a summary description of WP#
and BPL functions.
FIGURE 4-17:
ENABLE-WRITE-STATUS-REGISTER (EWSR) OR WRITE-ENABLE (WREN) AND
WRITE-STATUS-REGISTER (WRSR) SEQUENCE
25137 EWSR.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 65 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com