Electronic Components Datasheet Search
  English  ▼

X  

BTA24-800B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA24-800B
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA24-800B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA24-800B Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BTA24-800B
FEATURES
·
With TO-220AB insulated package
·
Suitables for general purpose where high surge current
capability is required.Application such as phase control and
tatic switching on inductive or resistive load.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)Tj=75℃
25
A
ITSM
Non-repetitive peak on-state current
tp=20ms
250
A
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~150
℃
Rth(j-c)
Thermal resistance, junction to case
1.7
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM, Tj=25℃
VR=VRRM, Tj=125℃
0.005
3.0
mA
IDRM
Repetitive peak off-state current
VD=VDRM,Tj=25℃
VD=VDRM, Tj=125℃
0.005
3.0
mA
IGT
Gate trigger current
Ⅰ
VD=12V; RL= 33Ω
50
mA
Ⅱ
50
Ⅲ
50
Ⅳ
100
IH
Holding current
IGT= 0.5A, Gate Open
70
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 33Ω
1.3
V
VTM
On-state voltage
IT= 35A; tp= 380μs
1.55
V


Similar Part No. - BTA24-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24-800B STMICROELECTRONICS-BTA24-800B Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
logo
Kersemi Electronic Co.,...
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
First Silicon Co., Ltd
BTA24-800B FS-BTA24-800B Datasheet
658Kb / 5P
Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA24-800BRG STMICROELECTRONICS-BTA24-800BRG Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA24-800BRG STMICROELECTRONICS-BTA24-800BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results

Similar Description - BTA24-800B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com