Electronic Components Datasheet Search
  English  ▼

X  

PL130-07OC Datasheet(PDF) 3 Page - Microchip Technology

Part # PL130-07OC
Description  High Speed Translator Buffer to LVCMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL130-07OC Datasheet(HTML) 3 Page - Microchip Technology

  PL130-07OC Datasheet HTML 1Page - Microchip Technology PL130-07OC Datasheet HTML 2Page - Microchip Technology PL130-07OC Datasheet HTML 3Page - Microchip Technology PL130-07OC Datasheet HTML 4Page - Microchip Technology PL130-07OC Datasheet HTML 5Page - Microchip Technology PL130-07OC Datasheet HTML 6Page - Microchip Technology PL130-07OC Datasheet HTML 7Page - Microchip Technology PL130-07OC Datasheet HTML 8Page - Microchip Technology PL130-07OC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005598A-page 3
PL130-07
TABLE 1-1:
AC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Frequency
—
10
—
200
MHz
—
Input Signal Swing
—
100
—
—
mV
CLK_IN Input
Output Frequency
—
10
—
200
MHz
—
TABLE 1-2:
CMOS OUTPUT ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Output High Voltage
VOH
2.4
—
—
VIOH = 12 mA
Output Low Voltage
VOL
——
0.4
V
IOL = 12 mA
Output High Voltage at CMOS Level
VOHC
VDD –
0.4
——
V
IOH = –4 mA
Output Drive Current
—
36
51
—
mA
At TTL Level (High Drive,
Note 1)
12
17
—
mA
At TTL Level (Standard Drive)
Quiescent Supply Current
IDD
—
5.9
—
mA
No input signal, VDD = 2.5V
—
12.7
—
mA
No input signal, VDD = 3.3V
Note 1:
High Drive CMOS is selectable through DRIV_SEL selector input on pin 8(SOIC) or 13(QFN).
TABLE 1-3:
CMOS SWITCHING CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Clock Rise/Fall Time
tr/tf
—
1.15
—
ns
0.8V ~ 2.0V with 10 pF load
—
3.7
—
ns
0.8V ~ 3.0V with 15 pF load
Output Clock Rise/Fall Time (High
Drive, Note 1)
tr/tf
—
0.5
—
ns
0.8V ~ 2.0V with 10 pF load
—
1.5
—
ns
0.8V ~ 3.0V with 15 pF load
Note 1:
High Drive CMOS is selectable through DRIV_SEL selector input on pin 8(SOIC) or 13(QFN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com