Electronic Components Datasheet Search
  English  ▼

X  

AT9933 Datasheet(PDF) 10 Page - Microchip Technology

Part # AT9933
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AT9933 Datasheet HTML 6Page - Microchip Technology AT9933 Datasheet HTML 7Page - Microchip Technology AT9933 Datasheet HTML 8Page - Microchip Technology AT9933 Datasheet HTML 9Page - Microchip Technology AT9933 Datasheet HTML 10Page - Microchip Technology AT9933 Datasheet HTML 11Page - Microchip Technology AT9933 Datasheet HTML 12Page - Microchip Technology AT9933 Datasheet HTML 13Page - Microchip Technology AT9933 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AT9933
DS20005597A-page 10
 2016 Microchip Technology Inc.
4.5
Current Limits
The current sense resistor RCS2, combined with the
other resistors RS2 and RREF2, determines the output
current limits.
The resistors can be chosen using Equation 4-1 and
Equation 4-2.
EQUATION 4-1:
IRCS
1.2V
RS
RREF
-------------

 0.05V
–
=
Where I is the current (either IO or IIN) and ∆I is the
peak-to-peak ripple in the current (either
∆IO or
∆IIN).
EQUATION 4-2:
IRCS
0.1V
RS
RREF
-------------

 0.1V
+
=
Where I is the current (either IO or IIN) and ∆I is the
peak-to-peak ripple in the current (either
∆IO or
∆IIN).
For the input side, the current level used in the
equations should be larger than the maximum input
current, so that it does not interfere with the normal
operation of the circuit. The peak input current can be
computed as shown in Equation 4-3.
EQUATION 4-3:
IIN PK
IIN MAX
IIN
2
----------


+
=
1.706A
=
Assuming a 30% peak-to-peak ripple when the
converter is in Input Current Limit mode, the minimum
value of the input current is calculated as seen in
Equation 4-4.
EQUATION 4-4:
ILIM MIN
0.85 IIN LIM
=
Setting
ILIM MIN
1.05 IIN PK
=
The current level to limit the converter can then be
computed. See equation Equation 4-5.
EQUATION 4-5:
IIN LIM
1.05
0.85
----------

 I
IN PK
=
2.1A
=
Using IO = 350 mA and ∆IO = 87.5 mA in Equation 4-1
and Equation 4-2, RCS2 = 1.78Ω and 
RS2/RREF2 = 0.5625.
Before the design of the output side is complete,
overvoltage protection has to be included in the design.
For this application, choose a 33V Zener diode. This is
the voltage at which the output will clamp in case of an
Open LED condition. For a 350 mW diode, the
maximum current rating at 33V works out to about
10 mA. Using a 2.5 mA current level during Open LED
conditions, and assuming the same RS2/RREF2 ratio,
the Zener current limiting resistor can be determined as
illustrated in Equation 4-6.
EQUATION 4-6:
RCS RS2A
+
120
=
Choose the following values for the resistors:
RCS2 = 1.65Ω, 1/4W, 1%
RREF2 = 10 kΩ, 1/8W, 1%
RS2A = 100Ω, 1/8W, 1%
RS2B = 5.23 kΩ, 1/8W, 1%
The current sense resistor needs to be at least a 1/4W,
1% resistor.
Similarly, using IIN = 2.1A and ∆IIN = 0.3 x IIN = 0.63 in
Equation 4-1 and Equation 4-2, the following values
can be determined:
RS1
RREF1
---------------
0.442
=
PRCS1
I
2
IN LIM
RCS1
=
Choose the following values for the resistors:
RCS1 = parallel combination of three 0.68Ω, 1/2W, 5%
resistors
RREF1 = 10kΩ, 1/8W, 1%
RS1 = 4.42kΩ, 1/8W, 1%
RCS1
0.228
=
1W
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com