Electronic Components Datasheet Search
  English  ▼

X  

AT9919 Datasheet(PDF) 4 Page - Microchip Technology

Part # AT9919
Description  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 Datasheet(HTML) 4 Page - Microchip Technology

  AT9919 Datasheet HTML 1Page - Microchip Technology AT9919 Datasheet HTML 2Page - Microchip Technology AT9919 Datasheet HTML 3Page - Microchip Technology AT9919 Datasheet HTML 4Page - Microchip Technology AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AT9919
DS20005595A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VIN and CS to GND ...................................................................................................................................–0.3V to +45V
VDD, GATE, RAMP, DIM, ADIM to GND......................................................................................................–0.3V to +6V
CS to VIN .....................................................................................................................................................–1V to +0.3V
Operating Temperature Range............................................................................................................. –40°C to +125°C
Junction Temperature.............................................................................................................................................150°C
Storage Temperature Range ...................................................................................................................–65°C to 150°C
Continuous Power Dissipation (TA = +25°C) .......................................................................................................... 1.6W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: VIN = 12V, VDIM = VDD, VRAMP = GND, CVDD = 1 µF, RCS = 0.5Ω, TA = TJ = –40ºC to
+125ºC (Note 1) unless otherwise noted.
Parameter
Sym.
Min.
Typ. Max.
Unit
Conditions
Input DC Supply Voltage Range
VIN
4.5
—
40
V
DC input voltage
Internally Regulated Voltage
VDD
4.5
—
5.5
V
VIN = 6V to 40V
Supply Current
IIN
—
—
1.5
mA
GATE open
Shutdown Supply Current
IIN, SDN
—
—
900
µA
DIM < 0.7V
Current Limit
IIN, LIM
—
30
—
mA
VIN = 4.5V, VDD = 0V
—
8
—
VIN = 4.5V, VDD = 4V
Oscillator Frequency
fOSC
—
—
2
MHz
VDD Undervoltage Lockout
Threshold
UVLO
—
—
4.5
V
VDD rising
VDD Undervoltage Lockout
Hysteresis
UVLOHYST
—
500
—
mV
VDD falling
SENSE COMPARATOR
Sense Voltage Threshold High
VCS(HI)
198
230
257
mV
(VIN – VCS) rising
Sense Voltage Threshold Low
VCS(LO)
147
170
195
mV
(VIN – VCS) falling
Average Reference Voltage
VCS(AVG)
186
200
214
mV
VCS(AVG) = 0.5VCS(HI) + 0.5VCS(LO)
Propagation Delay to Output
High
tDPDH
—
70
—
ns
Falling edge of
VIN – VCS = VRS(LO) – 70 mV
Propagation Delay to Output
Low
tDPDL
—
70
—
ns
Rising edge of
VIN – VCS = VRS(HI) + 70 mV
Current Sense Input Current
ICS
—
—
1
µA
VIN – VCS = 200 mV
Current Sense Threshold
Hysteresis
VCS(HYST)
—
56
80
mV
DIM INPUT
Pin DIM Input High Voltage
VIH
2.2
—
—
V
Pin DIM Input Low Voltage
VIL
—
—
0.7
V
Turn-on Time
tON
—
100
—
ns
DIM rising edge to
VGATE = 0.5 x VDD, CGATE = 2 nF
Turn-off Time
tOFF
—
100
—
ns
DIM falling edge to
VGATE = 0.5 x VDD, CGATE = 2 nF
Note 1:
Limits obtained by design and characterization.
2: For design guidance only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com