Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZIOL2201
Description  Single Channel IO-Link HV Line Driver with Integrated DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZIOL2201 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZIOL2201 Datasheet HTML 1Page - Integrated Device Technology ZIOL2201 Datasheet HTML 2Page - Integrated Device Technology ZIOL2201 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Channel IO-Link HV Line Driver
with Integrated DC/DC Converter
ZIOL2201
Feature Sheet
© 2016 Integrated Device Technology, Inc.
1
January 26, 2016
Brief Description
The ZIOL2201 is a line driver/level shifter IC that
provides an HV* I/O channel with a wide range of
configurable system features. It addresses the phys-
ical layer of sensor/actuator systems in factory auto-
mation applications, and it is specifically designed to
support the communication standard IO-Link
†.
The output driver is a push-pull stage that reaches
an RDSon of less than 6.6
Ω at all operational tem-
peratures.
The configuration is stored in an on-chip EEPROM
and automatically loaded into the ZIOL2201’s control
register
during
power-up.
The
ZIOL2201
also
provides status information, such as overload and
over-temperature. An integrated SPI interface sup-
ports access to configuration and status registers.
The ZIOL2201 is fabricated in a powerful CMOS
mixed-signal technology allowing supply voltages up
to 40V. EEPROM read/write functionality is guar-
anteed within the entire operating temperature range
in combination with a low-voltage 3.3V core supply.
Features
• Configurable output current limitation: 56mA to
410mA
• Standard cable driver/ physical layer transceiver
for IO-Link (device)
• Slew-rate controlled driver
• Wide range for configurable feature set, which is
automatically loaded after power-on reset
• Onboard DC/DC converter
• IO-Link-specific WURQ
‡ detection
• On-chip registers and EEPROM for system
configuration and status information
• SPI interface for accessing on-chip registers and
EEPROM
• Digital interface: 3.3V output, 5V tolerant inputs
• IC temperature monitoring/diagnosis
• Over-current and over-temperature indication
Benefits
* HV: high voltage (maximum power supply / signal swing is 36V).
† IDT is a member of the IO-Link Community: www.io-link.com.
‡ IO-Link device wake-up.
• Configurable feature set
• Nonvolatile storage of system configuration
• Excellent electromagnetic compatibility (EMC)
performance due to adjustable output slew rate
control
• Low R
DSon of 6.6
Ω
• Programmable limitation of driver output current
• DC/DC converter on-chip
• EEPROM read/write functionality within entire
operating temperature range
• Space saving 4x4mm² 24-pin QFN
Available Support
• Evaluation Kits
• Application Notes
Physical Characteristics
• Operation temperature -40 to +85 °C
• Supply voltage 8.0 to 36.0 V
• QFN 24 package 4x4mm
ZIOL2201 Application Circuits
sensor
ZIOL2201
Traditional PLC
sensor
ZIOL2201
actuator
ZIOL2201
IO-Link
PLC
(master)
ZIOL24x1
ZIOL24x1
sensor
ZIOL2201
sensor
ZIOL2201
ZIOL24x1
SIO
IO-L
IO-L
IO-L


Similar Part No. - ZIOL2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZIOL2201 ETC2-ZIOL2201 Datasheet
3Mb / 91P
IO-Link compliant HV Line Driver IC Family
logo
Renesas Technology Corp
ZIOL2201 RENESAS-ZIOL2201 Datasheet
1Mb / 92P
IO-Link Compliant HV Line Driver IC Family
April 26, 2016
More results

Similar Description - ZIOL2201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
logo
Schurter Inc.
PSDM-6O SCHURTER-PSDM-6O Datasheet
344Kb / 3P
600V IGBT/MOSFET Driver modules with integrated DC/DC converter
logo
Bel Fuse Inc.
GLDW34V03 BEL-GLDW34V03 Datasheet
782Kb / 8P
DORADO HV DC/DC CONVERTER
logo
List of Unclassifed Man...
ZIOL2401 ETC2-ZIOL2401 Datasheet
3Mb / 91P
IO-Link compliant HV Line Driver IC Family
logo
Integrated Device Techn...
ZIOL2211 IDT-ZIOL2211 Datasheet
57Kb / 2P
IO-Link-Compliant HV Line Driver (Single Channel)
ZIOL2401 IDT-ZIOL2401 Datasheet
87Kb / 3P
Dual-Channel IO-Link HV Line Driver with Integrated DC/DC Converter
ZIOL2411 IDT-ZIOL2411 Datasheet
87Kb / 3P
IO-Link compliant HV Line Driver (Dual Channel)
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
IO-Link Transceiver with Integrated Protection
2021
logo
Analog Devices
MAX22514 AD-MAX22514 Datasheet
1Mb / 45P
Surge Protected IO-Link Transceiver with DC-DC
Rev 1; 2/22
logo
STMicroelectronics
ALED6000 STMICROELECTRONICS-ALED6000 Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com