Electronic Components Datasheet Search
  English  ▼

X  

48182 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 48182
Description  Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

48182 Datasheet(HTML) 2 Page - Tyco Electronics

  48182 Datasheet HTML 1Page - Tyco Electronics 48182 Datasheet HTML 2Page - Tyco Electronics 48182 Datasheet HTML 3Page - Tyco Electronics 48182 Datasheet HTML 4Page - Tyco Electronics 48182 Datasheet HTML 5Page - Tyco Electronics 48182 Datasheet HTML 6Page - Tyco Electronics 48182 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408-1311
Pneumatic Crimping Heads for Use with Pneumatic Tool 69015
Rev G
2 of 7
Tyco Electronics Corporation
Wire Barrel
Wire Barrel
Wire Barrel
Terminal
Butt Splice
Parallel Spice
Flag Terminal
Wire Barrel
Crimped
WIRE SIZE
CIRCULAR MIL
CRIMPING
WIRE STRIP LENGTH
WIRE SIZE
(AWG)
CIRCULAR MIL
AREA RANGE
CRIMPING
HEAD
TERMINAL
FLAG TERMINAL
BUTT SPLICE
PARALLEL
SPLICE
8
13 100 20 800
49956
8.33-9.12
[.328-.359]
10.31-11.13
[.406-.438]
10.31-11.13
[.406-.438]
8
13,100-20,800
48412
9.53-11.13
[.375-.438
6
20 800 33 100
48172
9.93-10.72
[.391-.422]
11.91-12.70
[.469-.500]
11.13-11.91
[.438-.469]
6
20,800-33,100
48413
12.70-14.30
[.500-.563]
4
33 100 52 600
48173
11.13-11.91
[.438-.469]
13.49-14.30
[.531-.563]
13.49-14.30
[.531-.563]
4
33,100-52,600
48414
13.89-15.47
[.547-.609]
2
52 600 83 700
48174
12.70-13.49
[.500-.531]
15.09-19.05
[.594-.750]
16.66-17.48
[.656-.688]
2
52,600-83,700
48415
17.07-18.64
[.672-.734]
1/0
83 700 119 500
48183H
19.05-19.84
[.750-.781]
17.48-18.26
[.688-.719]
19.05-19.84
[.750-.781]
1/0
83,700-119,500
48416H
22.23-23.83
[.875-.938]
Figure 2
H Requires minimum air pressure of 655 kPa [95 psi]
2. Place the wire barrel in the crimping jaws as
shown in Figure 3 for terminals and Figure 4 for
splices. Position butt splice so that the inspection
window faces the top of the head. Position flag
terminal so that the tongue is held against the “flat”
of the crimping jaw just until the crimp is started.
Air pressure must be adjusted to a minimum of
655 kPa [95 psi] when crimping terminals or
splices onto wire size 1/0 AWG.
3. Hold the terminal or splice (with wire) in position
and press the thumb control to actuate the tool.
Hold the thumb control down until crimping stroke
is completed.
To avoid personal injury when actuating
pneumatic tool, exercise caution when holding
terminals or wires near crimping area.
4. Release thumb control, and remove crimped
terminal or splice.
5. For butt splices, position uncrimped half in
crimping jaws, and follow same procedure used to
crimp first half of splice.
CAUTION
!
DANGER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com