Electronic Components Datasheet Search
  English  ▼

X  

68044 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 68044
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68044 Datasheet(HTML) 4 Page - Tyco Electronics

  68044 Datasheet HTML 1Page - Tyco Electronics 68044 Datasheet HTML 2Page - Tyco Electronics 68044 Datasheet HTML 3Page - Tyco Electronics 68044 Datasheet HTML 4Page - Tyco Electronics 68044 Datasheet HTML 5Page - Tyco Electronics 68044 Datasheet HTML 6Page - Tyco Electronics 68044 Datasheet HTML 7Page - Tyco Electronics 68044 Datasheet HTML 8Page - Tyco Electronics 68044 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Rev B
4
of 12
Tyco Electronics Corporation
Figure 3 (end)
Ends of Wires Must be
Flush with or Extend
Beyond Ends of Splice
Center
Splice in
Die
Detail C
COPALUM
Parallel Splice
Detail D
HF--30 Contact
Stationary Die (Nest)
Hydraulic Crimp Head
End of Barrel Flush
with Edge of Die
Wire inserted fully into contact
until insulation bottoms on edge
of contact. No wire strands
should be visible.
Moving Die
(Indenter)
Socket Contact
Assembly HF--30
Same Criteria Applies
to Pin Contact
Pin Contact
Assembly HF--30
HousingStopon
Bottom
Detail E
Stationary Die (Nest)
Flat Planar Surface
of Crimp Die Nest
Middle Plane of Contact
Pin Contact
Assembly
HF--30
Contact Location: The middle plane
of contact should be parallel to the
planar surface of the crimp die nest.
This will prevent twist in the crimp
relative to the planar mating surface
of the contact. This applies to both
pin and socket contacts.
HF--30 Contact Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com