Electronic Components Datasheet Search
  English  ▼

X  

68045 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 68045
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68045 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 68045 Datasheet HTML 3Page - Tyco Electronics 68045 Datasheet HTML 4Page - Tyco Electronics 68045 Datasheet HTML 5Page - Tyco Electronics 68045 Datasheet HTML 6Page - Tyco Electronics 68045 Datasheet HTML 7Page - Tyco Electronics 68045 Datasheet HTML 8Page - Tyco Electronics 68045 Datasheet HTML 9Page - Tyco Electronics 68045 Datasheet HTML 10Page - Tyco Electronics 68045 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
7
of 12
Rev B
Tyco Electronics Corporation
4. CRIMP INSPECTION for COPALUM Terminals and
Splices (Figure 5A) and HF- 30 Pin and Socket Contacts
(Figure 5B)
Inspect crimped contacts by checking the features
described in Figure 5A or 5B as applicable. Use only
the terminals, splices, and contacts that meet the
conditions shown in the “ACCEPT” column.
“REJECT” terminals, splices, and contacts can be
avoided through careful use of the tabular information
in Figure 2A or 2B and the instructions Section 3, and
by performing regular die maintenance as instructed
in Section 5.
Figure 5A
(Crimp Inspection Criteria for COPALUM Terminals and Splices)
ACCEPT
REJECT
Terminal
Parallel
Splice
Butt Splice
1
Crimps centered. Crimp may be slightly off center BUT
NOT OFF END OF WIRE BARREL.
2
CMA of wire being used matches wire range specified
for each terminal dash number.
3
Insulation does not enter wire barrel.
4
Wire is visible through inspection hole of butt splice,
and is flush with or extends slightly beyond end of
terminal wire barrel.
5
On parallel splices, bare wire ends must be flush with
or extend slightly beyond end of barrel.
1
Crimped off end of splice or terminal.
2
CMA of wire being used does not match wire range
stamped on terminal, splice, or dies.
3
Insulation entered barrel of terminal or splice. CHECK
FOR INCORRECT STRIP LENGTH.
4
Wire not inserted far enough in terminal or splice. End
of wire must be visible through inspection hole of butt
splices, and be flush with or extend slightly beyond
end of terminal wire barrel or parallel splice.
5
Excessive “flash” indicates wrong wire, terminal,
splice, or die combination was used.
6
Nicked or missing strands.
3
1
4
2
3
1
5
1
1
3
4
2
6
4
5
2
1
1
1
4
4
5
4
1
3
2
Wire Range
Stamped Here
Wire Range
Stamped Here
Wire Range
Stamped Here
Wire Range
Stamped Here
COPALUM Terminals and Splices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com