Electronic Components Datasheet Search
  English  ▼

X  

68047 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 68047
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68047 Datasheet(HTML) 1 Page - Tyco Electronics

  68047 Datasheet HTML 1Page - Tyco Electronics 68047 Datasheet HTML 2Page - Tyco Electronics 68047 Datasheet HTML 3Page - Tyco Electronics 68047 Datasheet HTML 4Page - Tyco Electronics 68047 Datasheet HTML 5Page - Tyco Electronics 68047 Datasheet HTML 6Page - Tyco Electronics 68047 Datasheet HTML 7Page - Tyco Electronics 68047 Datasheet HTML 8Page - Tyco Electronics 68047 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Instruction Sheet
Crimping Die Assemblies for
COPALUM* Terminals and Splices
408--2353
LOC B
1
of 12
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
25 MAR 10 Rev B
and HF- 30 Pin and Socket Contacts
CRIMPING DIES USED IN . . .
CRIMPING HEAD
69082, 1752786--1
CRIMPING HEAD
69099, 1752868--1
68034 68035 68036
68037 68037--1 68050
68043 68044 68045
68046 68047
68048 68049
Retaining Screw
Setscrew
in Ram
Crimping Head (Ref)
Tool Head
Radii
Stationary Die (Nest)
Die Radii
Moving Die
(Indenter)
Flats on Shank
Figure 1
1. INTRODUCTION
This instruction sheet covers the use of Crimping Die
Assemblies listedinFigure1, which areusedtocrimp
COPALUM Terminals and Splices and HF--30 Pin and
Socket Contacts. The die assemblies are used in
Crimping Heads 69082, 69099, 1752786--1, and
1752868--1. Refer to instruction sheet packaged with
the crimping head for information concerning die
installation and general performance of the head.
Read these instructions thoroughly before using the
die assemblies.
See Section 7, REVISION SUMMARY, for revision
information.
All dimensions on this document are in metric
units [with U.S. customary units in brackets].
Figures and illustrations are for reference only
and are not drawn to scale.
2. DESCRIPTION
The die assemblies consist of stationary dies (nest)
and moving dies (indenter). Refer to Figure 2A
(COPALUM contacts) or Figure 2B (HF--30 Contacts)
to ensure the compatibility of die assemblies,
crimping heads, and terminals and splices. These
dies are used to crimp COPALUM Terminals and
Splices on No. 8 through 500 MCM stranded or solid,
aluminum or copper{ wire and HF--30 Pin and Socket
Contacts for stranded aluminum and copper wire
sizes specified in Figure 2B.
Dies are coated with preservative to prevent rust and
corrosion. Wipe this preservative away from dies,
particularly from crimping areas.
For further instructions on the hydraulic power unit
and hydraulic crimping heads, refer to the instructions
packaged with these tools.
2.1. Die Installation
AVOID PERSONAL INJURY. Exercise extreme
caution when using power unit. Avoid depressing
foot switch or trigger control when installing or
removing die assemblies. DO NOT MIX DIE
COMPONENTS FROM DIFFERENT DIE SETS.
The radii of both dies must match the radii of the tool.
SeeFigure1.
Crimping head No. 69099 is illustrated throughout this
publication; however, die insertion, die removal and
crimping instructions are the same for 69099, 69082,
1752786--1, and 1752868--1 crimping heads.
Proceed as follows:
1. Loosen retaining screw in top section of
crimping head. See Figure 1.
{
Butt Splices Only. Refer to Paragraph 3.3
NOTE
i
DANGER


Similar Part No. - 68047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68047 MACOM-68047 Datasheet
441Kb / 12P
COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
More results

Similar Description - 68047

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
53041 MACOM-53041 Datasheet
153Kb / 6P
Standard Terminals and Splices
68041 MACOM-68041 Datasheet
441Kb / 12P
COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
Tool and Die Selection Chart for AMP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
Tool and Die Selection for TE Terminals and Splices
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
Application and Maintenance for Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com