Electronic Components Datasheet Search
  English  ▼

X  

LM317L Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM317L
Description  3-Terminal Adjustable Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317L Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM317L Datasheet HTML 3Page - National Semiconductor (TI) LM317L Datasheet HTML 4Page - National Semiconductor (TI) LM317L Datasheet HTML 5Page - National Semiconductor (TI) LM317L Datasheet HTML 6Page - National Semiconductor (TI) LM317L Datasheet HTML 7Page - National Semiconductor (TI) LM317L Datasheet HTML 8Page - National Semiconductor (TI) LM317L Datasheet HTML 9Page - National Semiconductor (TI) LM317L Datasheet HTML 10Page - National Semiconductor (TI) LM317L Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Application Hints (Continued)
Protection Diodes
When external capacitors are used with
any IC regulator it is
sometimes necessary to add protection diodes to prevent
the capacitors from discharging through low current points
into the regulator. Most 10µF capacitors have low enough in-
ternal series resistance to deliver 20A spikes when shorted.
Although the surge is short, there is enough energy to dam-
age parts of the IC.
When an output capacitor is connected to a regulator and
the input is shorted, the output capacitor will discharge into
the output of the regulator. The discharge current depends
on the value of the capacitor, the output voltage of the regu-
lator, and the rate of decrease of V
IN. In the LM317L, this dis-
charge path is through a large junction that is able to sustain
a 2A surge with no problem. This is not true of other types of
positive regulators. For output capacitors of 25 µF or less,
the LM317L’s ballast resistors and output structure limit the
peak current to a low enough level so that there is no need
to use a protection diode.
The bypass capacitor on the adjustment terminal can dis-
charge through a low current junction. Discharge occurs
when
either the input or output is shorted. Internal to the
LM317L is a 50
Ω resistor which limits the peak discharge
current. No protection is needed for output voltages of 25V
or less and 10µF capacitance.
Figure 3 shows an LM317L
with protection diodes included for use with outputs greater
than 25V and high values of output capacitance.
LM317L micro SMD Light Sensitivity
Exposing the LM317L micro SMD package to bright sunlight
may cause the V
REF to drop. In a normal office environment
of fluorescent lighting the output is not affected. The LM317
micro SMD does not sustain permanent damage from light
exposure. Removing the light source will cause LM317L’s
V
REF to recover to the proper value.
DS009064-9
D1 protects against C1
D2 protects against C2
FIGURE 3. Regulator with Protection Diodes
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com