Electronic Components Datasheet Search
  English  ▼

X  

HMC158 Datasheet(PDF) 4 Page - Micross Components

Part # HMC158
Description  Test Equipment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC158 Datasheet(HTML) 4 Page - Micross Components

  HMC158 Datasheet HTML 1Page - Micross Components HMC158 Datasheet HTML 2Page - Micross Components HMC158 Datasheet HTML 3Page - Micross Components HMC158 Datasheet HTML 4Page - Micross Components HMC158 Datasheet HTML 5Page - Micross Components HMC158 Datasheet HTML 6Page - Micross Components HMC158 Datasheet HTML 7Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
2 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC158
GaAs MMIC PASSIVE FREQUENCY
DOUBLER CHIP, 1.3 - 4.0 GHz INPUT
v06.0711
General Description
Features
Functional Diagram
conversion Loss: 15 dB
Fo, 3Fo, 4Fo Isolation: 40 dB
Input Drive Level: 10 to 20 dBm
Die Size: 1.0 x 1.15 x 0.18 mm
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMc158 is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• UNII & HiperLAN
• Test Equipment
The HMC158 is a miniature frequency doubler in a
MMIc die. Suppression of undesired fundamental
and higher order harmonics is 40 dB typical with
respect to input signal level. The doubler uses the
same diode/balun technology used in Hittite MMIC
mixers, features small size and requires no DC bias.
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
1.7 - 4.0
1.7 - 3.5
1.3 - 4.0
GHz
Frequency Range, Output
3.4 - 8.0
3.4 - 7.0
2.6 - 8.0
GHz
conversion Loss
18
22
15
18
15
18
dB
FO Isolation
(with respect to input level)
37
45
dB
3FO Isolation
(with respect to input level)
40
50
dB
4FO Isolation
(with respect to input level)
32
40
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com