Electronic Components Datasheet Search
  English  ▼

X  

HMC292 Datasheet(PDF) 1 Page - Micross Components

Part # HMC292
Description  GaAs MMIC DOUBLE-BALANCED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC292 Datasheet(HTML) 1 Page - Micross Components

  HMC292 Datasheet HTML 1Page - Micross Components HMC292 Datasheet HTML 2Page - Micross Components HMC292 Datasheet HTML 3Page - Micross Components HMC292 Datasheet HTML 4Page - Micross Components HMC292 Datasheet HTML 5Page - Micross Components HMC292 Datasheet HTML 6Page - Micross Components HMC292 Datasheet HTML 7Page - Micross Components HMC292 Datasheet HTML 8Page - Micross Components HMC292 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC292
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC292

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292A-SX AD-HMC292A-SX Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
More results

Similar Description - HMC292

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1048LC3B HITTITE-HMC1048LC3B Datasheet
1Mb / 8P
GaAs MMIC DOUBLE-BALANCED
logo
Marki Microwave
MM1-0212S MARKIMICROWAVE-MM1-0212S Datasheet
950Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0222L MARKIMICROWAVE-MM1-0222L Datasheet
1Mb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0626H MARKIMICROWAVE-MM1-0626H Datasheet
796Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0626S MARKIMICROWAVE-MM1-0626S Datasheet
784Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0832H MARKIMICROWAVE-MM1-0832H Datasheet
838Kb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0832HSM MARKIMICROWAVE-MM1-0832HSM Datasheet
1Mb / 13P
GaAs MMIC Double Balanced Mixer
MM1-0832LSM MARKIMICROWAVE-MM1-0832LSM Datasheet
911Kb / 13P
GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com