Electronic Components Datasheet Search
  English  ▼

X  

HMC322 Datasheet(PDF) 4 Page - Micross Components

Part # HMC322
Description  Telecom Infrastructure
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC322 Datasheet(HTML) 4 Page - Micross Components

  HMC322 Datasheet HTML 1Page - Micross Components HMC322 Datasheet HTML 2Page - Micross Components HMC322 Datasheet HTML 3Page - Micross Components HMC322 Datasheet HTML 4Page - Micross Components HMC322 Datasheet HTML 5Page - Micross Components HMC322 Datasheet HTML 6Page - Micross Components HMC322 Datasheet HTML 7Page - Micross Components HMC322 Datasheet HTML 8Page - Micross Components HMC322 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
4 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC322
General Description
Features
Functional Diagram
The HMC322 is a broadband non-reflective GaAs
MESFET SP8T switch chip. Covering DC to 10 GHz,
this switch offers high isolation and low insertion
loss and extends the frequency coverage of Hittite’s
SP8T switch product line. This switch also includes
an on board binary decoder circuit which reduces
the required logic control lines to three. The switch
operates using a negative control voltage of 0/-5V,
and requires a fixed bias of -5V. All data is tested with
the chip in a 50 Ohm test fixture connected via 0.025
mm (1 mil) diameter wire bonds of 0.5 mm (20 mils)
length.
Broadband Performance: DC - 10.0 GHz
High Isolation: >38 dB@ 4 GHz
Low Insertion Loss: 2.0 dB@ 4 GHz
Integrated 3:8 TTL Decoder
Small Size: 1.45 x 1.6 x 0.10 mm
Electrical Specifications, T
A = +25° C, With 0/-5V Control, Vee= -5V, 50 Ohm System
Typical Applications
The HMC322 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8 GHz
DC - 10.0 GHz
1.9
2.0
2.1
2.2
2.4
2.3
2.4
2.5
2.6
2.8
dB
dB
dB
dB
dB
Isolation (RFC to RF1 - 8)
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
DC - 8 GHz
DC - 10.0 GHz
40
32
27
20
18
46
38
32
26
24
dB
dB
dB
dB
dB
Return Loss
“On State”
DC - 10.0 GHz
14
dB
Return Loss
“Off State”
DC - 10.0 GHz
11
dB
Input Power for 1 dB Compression
0.5 - 10.0 GHz
19
23
dBm
Input Third Order Intercept
(Two-Tone Input Power = +7 dBm Each Tone)
0.5 - 10.0 GHz
34
38
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 10.0 GHz
50
150
ns
ns
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 10 GHz
v01.0907



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com