Electronic Components Datasheet Search
  English  ▼

X  

HMC331 Datasheet(PDF) 4 Page - Micross Components

Part # HMC331
Description  Wireless Local Loop
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC331 Datasheet(HTML) 4 Page - Micross Components

  HMC331 Datasheet HTML 1Page - Micross Components HMC331 Datasheet HTML 2Page - Micross Components HMC331 Datasheet HTML 3Page - Micross Components HMC331 Datasheet HTML 4Page - Micross Components HMC331 Datasheet HTML 5Page - Micross Components HMC331 Datasheet HTML 6Page - Micross Components HMC331 Datasheet HTML 7Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
2 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC331
GaAs MMIC PASSIVE FREQUENCY
DOUBLER, 12 - 18 GHz INPUT
v04.1007
General Description
Features
Functional Diagram
Conversion Loss: 14 dB
Fo, 3Fo, 4Fo Isolation: 50 dB
Passive: No Bias Required
Die Size: 0.85 x 0.55 x 0.1 mm
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC331 is a passive miniature frequency
doubler MMIC. Suppression of undesired fundamental
and higher order harmonics is 50 dB typical with
respect to input signal level. The doubler utilizes the
same GaAs Schottky diode/balun technology found
in Hittite MMIC mixers. It features small size, requires
no DC bias, and adds no measurable additive phase
noise onto the multiplied signal.
The HMC331 is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• Test Equipment
Input = +11 dBm
Input = +13 dBm
Input = +15 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
13 - 18
12 - 18
12 - 18
GHz
Frequency Range, Output
26 - 36
24 - 36
24 - 36
GHz
Conversion Loss
15
20
14
20
14
19
dB
FO Isolation
(with respect to input level)
45
50
45
50
45
50
dB
3FO Isolation
(with respect to input level)
50
60
45
60
47
60
dB
4FO Isolation
(with respect to input level)
50
60
50
60
50
60
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com