Electronic Components Datasheet Search
  English  ▼

X  

HMC347 Datasheet(PDF) 4 Page - Micross Components

Part # HMC347
Description  Microwave Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC347 Datasheet(HTML) 4 Page - Micross Components

  HMC347 Datasheet HTML 1Page - Micross Components HMC347 Datasheet HTML 2Page - Micross Components HMC347 Datasheet HTML 3Page - Micross Components HMC347 Datasheet HTML 4Page - Micross Components HMC347 Datasheet HTML 5Page - Micross Components HMC347 Datasheet HTML 6Page - Micross Components HMC347 Datasheet HTML 7Page - Micross Components HMC347 Datasheet HTML 8Page - Micross Components HMC347 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
4 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC347
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 20 GHz
v04.0907
General Description
Features
Functional Diagram
The HMC347 is a broadband non-reflective GaAs
MESFET SPDT MMIC chip. Covering DC to 20 GHz,
the switch offers high isolation and low insertion loss.
The switch features over 50 dB isolation at lower
frequencies and over 40 dB at higher frequencies due
to the implementation of on-chip via hole structures.
The switch operates using two negative control volt-
age logic lines of -5/0V, requires no Vee and has no
current consumption. The switch operates down to
DC. The chip features coplanar I/Os that allow 100%
RF testing prior to delivery to the customer.
High Isolation: >40 dB @ 20 GHz
Low Insertion Loss: 1.6 dB @ 20 GHz
Non-Reflective Design
Small Size: 1.3 x 0.8 x 0.1 mm
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
This switch is suitable DC - 20 GHz applications:
• Fiber Optics
• Microwave Radio
• Military
• Space
• VSAT
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 20.0 GHz
1.7
2.2
dB
Isolation
DC - 20.0 GHz
40
45
dB
Return Loss
“On State”
DC - 20.0 GHz
10
13
dB
Return Loss RF1, RF2
“On State”
DC - 20.0 GHz
8
10
dB
Input Power for 1 dB Compression
0.5 - 20.0 GHz
19
23
dBm
Input Third Order Intercept
0.5 - 20.0 GHz
38
43
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 20.0 GHz
3
6
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com