Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 1 Page - Micross Components

Part # HMC365
Description  Piont-to-Point and Point-to-Multi-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC365 Datasheet(HTML) 1 Page - Micross Components

  HMC365 Datasheet HTML 1Page - Micross Components HMC365 Datasheet HTML 2Page - Micross Components HMC365 Datasheet HTML 3Page - Micross Components HMC365 Datasheet HTML 4Page - Micross Components HMC365 Datasheet HTML 5Page - Micross Components HMC365 Datasheet HTML 6Page - Micross Components HMC365 Datasheet HTML 7Page - Micross Components HMC365 Datasheet HTML 8Page - Micross Components HMC365 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC365
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC365

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365 HITTITE-HMC365 Datasheet
193Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365 HITTITE-HMC365 Datasheet
208Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Analog Devices
HMC365 AD-HMC365 Datasheet
301Kb / 6P
Satellite Communication Systems
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
HBT GAIN BLOCK MMIC AMPLIFIER
More results

Similar Description - HMC365

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
Point-to-Multi-Point Radios
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
Point-to-Multi-Point Radios
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
Point-to-Multi-Point Radios
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
Point-to-Multi-Point Radios
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com