Electronic Components Datasheet Search
  English  ▼

X  

TPC8303 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8303
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8303 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8303 Datasheet HTML 1Page - Toshiba Semiconductor TPC8303 Datasheet HTML 2Page - Toshiba Semiconductor TPC8303 Datasheet HTML 3Page - Toshiba Semiconductor TPC8303 Datasheet HTML 4Page - Toshiba Semiconductor TPC8303 Datasheet HTML 5Page - Toshiba Semiconductor TPC8303 Datasheet HTML 6Page - Toshiba Semiconductor TPC8303 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8303
2002-04-18
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSII)
TPC8303
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs
Low drain−source ON resistance : RDS (ON) = 27 mΩ (typ.)
High forward transfer admittance : |Yfs| = 7 S (typ.)
Low leakage current : IDSS = −10 µA (max) (VDS = −30 V)
Enhancement−mode : Vth = −0.8~ −2.0 V (VDS = −10 V, ID = −1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−4.5
Drain current
Pulse
(Note 1)
IDP
−18
A
Single-device
operation
(Note 3a)
PD (1)
1.5
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD(2)
1.0
W
Single-device
operation
(Note 3a)
PD (1)
0.75
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
26
mJ
Avalanche current
IAR
−4.5
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, Note 3b, Note 5)
EAR
0.10
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4) and (Note 5), please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.08 g (typ.)
Circuit Configuration


Similar Part No. - TPC8303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8301 TOSHIBA-TPC8301 Datasheet
433Kb / 7P
Silicon P Channel MOS Type (L2-MOSVI)
TPC8302 TOSHIBA-TPC8302 Datasheet
450Kb / 7P
Silicon P Channel MOS Type (L2-MOSVI)
TPC8305 TOSHIBA-TPC8305 Datasheet
520Kb / 7P
Silicon P Channel MOS Type (U-MOSII)
logo
VBsemi Electronics Co.,...
TPC8305 VBSEMI-TPC8305 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8305 TOSHIBA-TPC8305_06 Datasheet
1Mb / 7P
Lithium Ion Battery ApplicationsPortable Equipment ApplicationsNotebook PC Applications
More results

Similar Description - TPC8303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T_07 Datasheet
205Kb / 6P
Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com