Electronic Components Datasheet Search
  English  ▼

X  

LEAP2W-SYTX-23 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAP2W-SYTX-23
Description  OSTAR High Power Projection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP2W-SYTX-23 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAP2W-SYTX-23 Datasheet HTML 1Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 2Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 3Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 4Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 5Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 6Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 7Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 8Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 2.8 - OS-PCN-2015-011-A
LE A P2W
2016-01-19
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 19
Dominant Wellenlängengruppen
2) Seite 19
Group
Luminous Flux 1) page 19
Luminous Flux 1) page 19
Gruppe
Lichtstrom 1) Seite 19
Lichtstrom 1) Seite 19
(min.) Φ
V [lm]
(max.) Φ
V [lm]
SY
2100
2400
SZ
2400
2800
TX
2800
3300
Group
amber
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
612
618
3
618
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com