Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8115 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC8115 Datasheet HTML 1Page - Micrel Semiconductor MIC8115 Datasheet HTML 2Page - Micrel Semiconductor MIC8115 Datasheet HTML 3Page - Micrel Semiconductor MIC8115 Datasheet HTML 4Page - Micrel Semiconductor MIC8115 Datasheet HTML 5Page - Micrel Semiconductor MIC8115 Datasheet HTML 6Page - Micrel Semiconductor MIC8115 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
MIC8115
August 3, 2015
2
Revision 2.0
Ordering Information
Part Number
(1)
Marking
Junction Temperature Range
Package
Lead Finish
MIC8115-TUY
NT
–40°C to +85°C
4-Pin SOT-143
Pb-Free
Note:
1.
Underbar (__) may not be to scale.
Pin Configuration
4-Pin SOT-143
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
IC Ground Pin.
2
/RESET
/RESET goes low if either VCC falls below the supply reset threshold voltage or if /MR is asserted.
/RESET remains asserted for one reset timeout period 1100ms (minimum) after both VCC exceeds
the supply reset threshold voltage and /MR is deasserted.
3
/MR
Manual Reset Input. A logic low on /MR forces a reset. The reset will remain asserted as long as /MR
is held low and for one reset timeout period (1100ms, minimum) after /MR goes high. This input can
be shorted to ground via a switch or driven from CMOS or TTL logic. Pulled high internally through a
20k
Ω resistor. Float if unused.
4
VCC
Power Supply Input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com