Electronic Components Datasheet Search
  English  ▼

X  

MIC94161YCS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC94161YCS
Description  3A High-Side Load Switch with Reverse Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94161YCS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC94161YCS Datasheet HTML 1Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 2Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94161YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC94161/2/3/4/5
March 14, 2014
4
Revision 1.1
Electrical Characteristics (Continued)
TA = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C , unless noted.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Timing Characteristics
Turn-On Delay Time (MIC94162/3)
tON
VIN = 3.6V ; RLOAD
= 1.2Ω ;
COUT
= 200μF ; VEN = 1.5V
10
µs
Turn-On Rise Time (MIC94162/3)
tr
VIN = 3.6V ; RLOAD
= 1.2Ω ;
COUT
= 200μF ; VEN = 1.5V
60
µs
Turn-On Delay Time
(MIC94161/4/5)
tON
VIN = 3.6V ; RLOAD
= 1.2Ω ;
COUT
= 200μF ; VEN = 1.5V
0.4
ms
Turn-On Rise Time
(MIC94161/4/5)
tr
VIN = 3.6V ; RLOAD
= 1.2Ω ;
COUT
= 200μF ; VEN = 1.5V
2.7
ms
Turn-Off Delay Time
tOFF
VIN = 3.6V ; RLOAD
= 1.2Ω ;
COUT
= 200μF ; VEN = 1.5V
25
µs
Turn-Off Fall Time
tf
VIN = 3.6V ; RLOAD
= 1.2Ω ;
COUT
= 200μF ; VEN = 1.5V
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com