Electronic Components Datasheet Search
  English  ▼

X  

MIC94164YCS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94164YCS
Description  3A High-Side Load Switch with Reverse Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94164YCS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94164YCS Datasheet HTML 1Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 2Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC94161/2/3/4/5
March 14, 2014
2
Revision 1.1
Ordering Information
Part Number
Marking
OVP
Turn-On Time
Active Discharge
Package
MIC94161YCS
1Q
Yes
2.7ms
No
1.5mm × 1mm 6-Ball WLCSP
MIC94162YCS
2Q
No
60µs
Yes
1.5mm × 1mm 6-Ball WLCSP
MIC94163YCS
3Q
No
60µs
No
1.5mm × 1mm 6-Ball WLCSP
MIC94164YCS
4Q
No
2.7ms
Yes
1.5mm × 1mm 6-Ball WLCSP
MIC94165YCS
ZQ
No
2.7ms
No
1.5mm × 1mm 6-Ball WLCSP
Pin Configuration
6-Ball 1.5mm × 1mm WLCSP (CS)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
A1, B1
VOUT
Source of N-channel MOSFET.
C1
GND
Ground.
A2, B2
VIN
Input Supply: Drain of N-channel MOSFET.
C2
EN
Enable (Input): Active-high control input for switch. Internal 2M
Ω pull-down resistor. Output will be
off if this pin is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com