Electronic Components Datasheet Search
  English  ▼

X  

MIC94165YCS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94165YCS
Description  3A High-Side Load Switch with Reverse Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94165YCS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94165YCS Datasheet HTML 1Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 2Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94165YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC94161/2/3/4/5
March 14, 2014
3
Revision 1.1
Absolute Maximum Ratings
(1)
Input Voltage (VIN) ........................................... −0.3V to +6V
Enable Voltage (VEN) ...................................... −0.3V to +6V
Continuous Drain Current (ID)
(3) .....................................±3A
Storage Temperature (Ts) .........................–55°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Input Voltage (VIN)...........................................+1.7 to +5.5V
Junction Temperature (TJ) ........................ –40°C to +125°C
Package Thermal Resistance
1.5mm × 1mm 6-Ball WLCSP (
θ
JA) ................. 108°C/W
Electrical Characteristics
TA = 25°C, bold values indicate –
40°C ≤ TJ ≤ +125°C , unless noted.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
General
Operating Input Voltage Range
VIN
1.7
5.5
V
Enable Threshold Voltage
(MIC94161)
VENTH
VIN = 1.7V to 5.5V , IOUT
= 250μA
1.15
1.5
V
Enable Threshold Voltage
(MIC94162/3/4/5)
VENTH
Logic Low, OFF; VIN = 1.8V to 5.5V;
IOUT
= 250μA; −40˚C ≥ TJ ≤ 85˚C
0.375
V
Logic High, ON; VIN = 1.7V to 5.5V;
IOUT
= 250μA; −40˚C ≥ TJ ≤ 125˚C
1.2
Enable Input Current
IEN
VIN = VEN = 3.6V ; IOUT = 0
2
4
µA
Quiescent Current (MIC94161)
IQ
VIN = VEN = 3.6V ; IOUT = 0
40
80
µA
Quiescent Current (MIC94162/3)
IQ
VIN = VEN = 3.6V ; IOUT = 0
25
55
µA
Quiescent Current (MIC94164/5)
IQ
VIN = VEN = 3.6V ; IOUT = 0
15
35
µA
Shutdown Current
ISD
VIN = 5.5V ; VEN = 0V ; IOUT = Open
0.1
1
µA
OFF State Leakage Current
ILEAK
VIN = 5.5V ; VEN = 0V ; IOUT = Short
0.1
1
µA
Reverse Leakage Current
(MIC94161,3,5)
ILEAKR
VIN = 0V ; VOUT = 5.5V ; VEN = 0V
0.1
1
µA
N-Channel ON-Resistance
RDS(ON)
VIN = 5.5V ; VEN = 1.5V ; IOUT = 3A
14.5
mΩ
VIN = 4.5V ; VEN = 1.5V ; IOUT = 3A
15.5
VIN = 3.6V ; VEN = 1.5V ; IOUT = 3A
17.5
VIN = 2.7V ; VEN = 1.5V ; IOUT = 3A
21
VIN = 1.8V ; VEN = 1.5V ; IOUT = 3A
34
VIN = 1.7V ; VEN = 1.5V ; IOUT = 3A
40
Overvoltage Protection Threshold
(MIC94161)
VOVP
VIN = VEN ; IOUT = 0; VIN rising
4.5
4.75
5
V
Active Discharge Resistance
(MIC94162/4)
RAD
VIN = 3.6V ; ITEST = 1mA ; VEN = 0V
200
400
Ω
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
With thermal contact to PCB (see Application Information).
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com