Electronic Components Datasheet Search
  English  ▼

X  

MIC2874 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2874
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2874 Datasheet HTML 1Page - Micrel Semiconductor MIC2874 Datasheet HTML 2Page - Micrel Semiconductor MIC2874 Datasheet HTML 3Page - Micrel Semiconductor MIC2874 Datasheet HTML 4Page - Micrel Semiconductor MIC2874 Datasheet HTML 5Page - Micrel Semiconductor MIC2874 Datasheet HTML 6Page - Micrel Semiconductor MIC2874 Datasheet HTML 7Page - Micrel Semiconductor MIC2874 Datasheet HTML 8Page - Micrel Semiconductor MIC2874 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Micrel, Inc.
MIC2874
Absolute Maximum Ratings
(2)
Input Voltage (VIN) ........................................ −0.3V to +6.0V
General I/O Voltage (VFEN) ................................ −0.3V to VIN
VOUT and VLED Voltage.................................. −0.3V to +6.0V
Single-Wire I/O Voltage (VDC) ........................... −0.3V to VIN
VSW Voltage .................................................. −0.3V to +6.0V
Lead Temperature (soldering, 10sec.)..................... +260°C
Junction Temperature (TJ) ........................ −40°C to +150°C
Storage Temperature (Ts) ......................... −40°C to +150°C
ESD Rating
(5)
HBM ......................................................................... 2kV
MM .........................................................................200V
Operating Ratings
(3)
Input Voltage (VIN)........................................ +2.7V to +5.5V
Enable Input Voltage (VFEN) ................................... 0V to VIN
Single-Wire I/O Voltage (VDC) ................................ 0V to VIN
Junction Temperature (TJ) ........................ −40°C to +125°C
Operating Ambient Temperature (TA) ......... −40°C to +85°C
Package Thermal Resistance
1.30mm x 1.30mm WLCSP (
θ
JA)
(4) ....................84°C/W
Power Dissipation (PD)........................... Internally Limited
(4)
Electrical Characteristics
(6)
VIN = 3.6V; L = 0.47µH; COUT = 4.7µF, IOUT = 100mA, TA = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply
VIN
Supply Voltage Range
2.7
5.5
V
VUVLO
UVLO Threshold (rising)
2.41
2.53
2.68
V
UVLO Hysteresis
180
mV
ISTB
Standby Current
VDC = 3.6V, VFEN = 0V, boost regulator and LED
current driver both OFF.
150
185
220
µA
ISD
Shutdown Current
VDC = 0V
1
2
µA
DMAX
Maximum Duty Cycle
82
86
90
%
DMIN
Minimum Duty Cycle
6.4
%
ISW
Switch Current Limit
VIN = VOUT = 2.7V
4.1
A
PMOS
Switch On-Resistance
ISW = 100mA
125
m
Ω
NMOS
ISW = 100mA
ISW_LK
Switch Leakage Current
VDC = 0V, VSW = 5.5V
0.01
1
µA
FSW
Oscillator Frequency
3.6
4
4.4
MHz
Notes:
2.
Exceeding the absolute maximum rating may damage the device.
3.
The device is not guaranteed to function outside its operating rating.
4.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
5.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
6.
Specification for packaged product only.
August 26, 2014
3
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com