Electronic Components Datasheet Search
  English  ▼

X  

MIC2873YCS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2873YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2873YCS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2873YCS Datasheet HTML 2Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 3Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 4Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 5Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 6Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 7Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 8Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 9Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Micrel, Inc.
MIC2873
Typical Characteristics (Continued)
50
60
70
80
90
100
2.6
3.0
3.4
3.8
4.2
4.6
5.0
INPUT VOLTAGE (V)
WLED Power Efficiency
vs. Input Voltage (V
F = 3.8V)
L = 1µH
C
OUT = 4.7µF
LED V
F = 3.8V
I
LED =100mA
I
LED =250mA
I
LED =400mA
I
LED =600mA
I
LED =1.0A
I
LED =1.2A
-10
-8
-6
-4
-2
0
2
4
6
8
10
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Full Torch ILED Accuracy
vs. Input Voltage
T
A = 25°C
T
A = 115°C
T
A = -40°C
F
SW = 2MHz
I
LED = 300mA
-10
-8
-6
-4
-2
0
2
4
6
8
10
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Full Flash ILED Accuracy
vs. Input Voltage
T
A = 25°C
T
A = 115°C
T
A = -40°C
F
SW = 2MHz
I
LED = 1.2A
July 17, 2014
6
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com