Electronic Components Datasheet Search
  English  ▼

X  

MIC2785 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2785
Description  Dual Supply Voltage Monitor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2785 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2785 Datasheet HTML 1Page - Micrel Semiconductor MIC2785 Datasheet HTML 2Page - Micrel Semiconductor MIC2785 Datasheet HTML 3Page - Micrel Semiconductor MIC2785 Datasheet HTML 4Page - Micrel Semiconductor MIC2785 Datasheet HTML 5Page - Micrel Semiconductor MIC2785 Datasheet HTML 6Page - Micrel Semiconductor MIC2785 Datasheet HTML 7Page - Micrel Semiconductor MIC2785 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIC2785
Dual Supply Voltage Monitor
with Manual Reset
General Description
The MIC2785 is a micropower voltage monitor that
provides
undervoltage
monitoring
and
manual
reset
capability in a tiny 1.2mm × 1.2mm QFN package. The
MIC2785 provides a monitored voltage input (VIN) separate
from the supply input (VDD). This insures that the reset
(/RST) output maintains a valid output state when the
voltage being monitored ramps up or down. The device
also includes a manual reset input (/MR). The /RST output
is an active low push-pull output.
The undervoltage detector compares the VIN pin voltage
against the factory-programmed threshold of 1.62V. The
reset output is asserted any time the input voltage drops
below the programmed threshold voltage. A reset can be
generated at any time by asserting the manual reset input,
/MR. This reset output will remain active until the release
of /MR. The /MR input can also be used to daisy-chain the
MIC2785 onto existing power monitoring circuitry or other
supervisors. Hysteresis is included to prevent chattering
due to noise.
The MIC2785 consumes a minimum of quiescent current,
only 5µA, 1.5µA from the main supply pin and 3.5µA from
the input pin. Offered in a tiny space saving 6-pin QFN
1.2mm × 1.2mm package.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• No external components
• Monitors input voltage for under-voltage condition
• Separate inputs for supply (VDD) and monitor (VIN)
• +1.5% VIN threshold voltage accuracy
• Valid /RST state with VIN down to 0.0V
• Valid /RST state with VDD down to 1.20V
• Factory-programmed 1.62V reference
• Manual reset input (/MR)
• Active low RESET (/RST) output
• Ultra-low input current – 5µA total (VIN and VDD)
• Rejects brief input transients
• –40°C to 85°C operating temperature range
• RoHS lead-free compliant
• Available in 6-pin 1.2mm × 1.2mm Thin QFN package
Applications
• Mobile phones
• PDAs
• GPS Receivers
Typical Application
Memory or Microprocessor Voltage Monitor
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 15, 2015
Revision 2.0


Similar Part No. - MIC2785

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
135Kb / 6P
Dual Supply Voltage Monitor with Manual Reset
MIC2785-16YFT MICREL-MIC2785-16YFT Datasheet
135Kb / 6P
Dual Supply Voltage Monitor with Manual Reset
More results

Similar Description - MIC2785

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
Microprocessor Voltage Monitor with Manual Reset
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
135Kb / 6P
Dual Supply Voltage Monitor with Manual Reset
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com