Electronic Components Datasheet Search
  English  ▼

X  

MIC2790 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2790
Description  Supervisor with High-Accuracy, Ultra-Fast Propagation Delay, and Capacitor-Programmable Reset Delay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2790 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2790 Datasheet HTML 1Page - Micrel Semiconductor MIC2790 Datasheet HTML 2Page - Micrel Semiconductor MIC2790 Datasheet HTML 3Page - Micrel Semiconductor MIC2790 Datasheet HTML 4Page - Micrel Semiconductor MIC2790 Datasheet HTML 5Page - Micrel Semiconductor MIC2790 Datasheet HTML 6Page - Micrel Semiconductor MIC2790 Datasheet HTML 7Page - Micrel Semiconductor MIC2790 Datasheet HTML 8Page - Micrel Semiconductor MIC2790 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC2790/1/3
May 22, 2014
2
Revision 1.2
Ordering Information
Part Number
Marking
Code
Threshold
Voltage
(SNS)
(1)
/RESET
Output
(Active-
Low)
RESET
Output
(Active-
High)
Enable
Pin
Feature
Junction
Temperature
Range
Package
(2, 3)
MIC2790N-04VD6
9NB
0.4V
Open-Drain
–40°C to +125°C
6-pin TSOT-23
MIC2790L-04VD6
9LB
0.4V
Push-Pull
–40°C to +125°C
6-pin TSOT-23
MIC2790H-04VD6
9LC
0.4V
Push-Pull
–40°C to +125°C
6-pin TSOT-23
MIC2790N-04VMT
9NA
0.4V
Open-Drain
–40°C to +125°C
6-pin 2mm × 2mm TDFN
MIC2791N-04VMT
1N
0.4V
Open-Drain
–40°C to +125°C
6-pin 1.6mm ×1.6mm TDFN
MIC2791L-04VMT
1L
0.4V
Push-Pull
–40°C to +125°C
6-pin 1.6mm × 1.6mm TDFN
MIC2791H-04VMT
XH
0.4V
Push-Pull
–40°C to +125°C
6-pin 1.6mm ×1.6mm TDFN
MIC2793LH-04VMT
3LH
0.4V
Push-Pull
Push-Pull
Yes
–40°C to +125°C
8-pin 2mm × 2mm TDFN
MIC2793NH-04VMT
3NH
0.4V
Open-Drain
Push-Pull
Yes
–40°C to +125°C
8-pin 2mm × 2mm TDFN
Notes:
1.
Other voltage options are available. Contact Micrel for details.
2.
Thin DFN pin 1 identifier = “ ”.
3.
Thin DFN is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen free.
Pin Configuration
6-Pin TSOT (D6)
(Top View)
6-Pin 1.6mm x 1.6mm TDFN (MT)
(Top View)
6-Pin 2mm x 2mm TDFN (MT)
(Top View)
8-Pin 2mm x 2mm TDFN (MT)
(Top View)
RESET (/RESET)
1
2
3
6
5
4
GND
/MR
CTH
SNS
VDD
VDD
EP
1
2
3
6
5
4
SNS
CTH
/MR
GND
RESET (/RESET)
VDD
EP
1
2
3
6
5
4
SNS
CTH
/MR
GND
RESET (/RESET)
EN
EP
1
2
3
4
8
7
6
5
VDD
SNS
CTH
/MR
GND
/RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com