Electronic Components Datasheet Search
  English  ▼

X  

MIC2587 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2587
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2587 Datasheet HTML 1Page - Micrel Semiconductor MIC2587 Datasheet HTML 2Page - Micrel Semiconductor MIC2587 Datasheet HTML 3Page - Micrel Semiconductor MIC2587 Datasheet HTML 4Page - Micrel Semiconductor MIC2587 Datasheet HTML 5Page - Micrel Semiconductor MIC2587 Datasheet HTML 6Page - Micrel Semiconductor MIC2587 Datasheet HTML 7Page - Micrel Semiconductor MIC2587 Datasheet HTML 8Page - Micrel Semiconductor MIC2587 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Micrel, Inc.
MIC2587/MIC2587R
January 24, 2013
3
Revision 2.0
Ordering Information
Part Number
PWRGD Polarity
Circuit Breaker Function
Package
Finish
MIC2587-1YM
Active-HIGH
Latched
8-Pin SOIC
Pb-Free
MIC2587-2YM
Active-LOW
Latched
8-Pin SOIC
Pb-Free
MIC2587R-1YM
Active- HIGH
Auto-retry
8-Pin SOIC
Pb-Free
MIC2587R-2YM
Active-LOW
Auto-retry
8-Pin SOIC
Pb-Free
Pin Configuration
8-pin SOIC (M)
MIC2587-1YM
MIC2587R-1YM
(Top View)
8-pin SOIC (M)
MIC2587-2YM
MIC2587R-2YM
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
ON
Enable Input: When the voltage at the ON pin is higher than the VONH threshold, a start cycle is
initiated. An internal current source (IGATEON) is activated which charges the GATE pin, ramping
up the voltage at this pin to turn on an external MOSFET. Whenever the voltage at the ON pin is
lower than the VONL threshold, an undervoltage lockout condition is detected and the IGATEON
current source is disabled while the GATE pin is pulled low by IGATEOFF. After a load current fault,
toggling the ON pin LOW then back HIGH will reset the circuit breaker and initiate another start
cycle.
2
FB
Output Voltage Feedback Input: This pin is connected to an external resistor divider that is used
to sample the output load voltage. The voltage at this pin is measured against an internal
comparator whose output controls the PWRGD (or /PWRGD) signal. PWRGD (or /PWRGD)
asserts when the FB pin voltage crosses the VFBH threshold. When the FB pin voltage is lower
than its VFBL threshold, PWRGD (or /PWRGD) is de-asserted. The FB comparator exhibits a
typical hysteresis of 80mV.
The FB pin voltage also affects the MIC2587/MIC2587R’s foldback current limit operation (see
the “Functional Description” section for further information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com