Electronic Components Datasheet Search
  English  ▼

X  

CD-DF406SL Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD-DF406SL
Description  Surface Mount Bridge Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-DF406SL Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD-DF406SL Datasheet HTML 1Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 2Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 3Page - Bourns Electronic Solutions CD-DF406SL Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-DF4xxS(L)SeriesSurfaceMountBridgeRectifierDiode
Product Dimensions
This is an RoHS2 compliant product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and
are solderable per MIL-STD-750, Method 2026. The package and dimensions are shown below.
Recommended Footprint
Typical Part Marking
MM
(INCHES)
DIMENSIONS:
5.10±0.10
(0.201±0.004)
7.70±0.10
(0.303±0.004)
2.30±0.10
(0.091±0.004)
4.30±0.10
(0.169±0.004)
B
D
E
C
F
A
MM
(INCHES)
DIMENSIONS:
TOP VIEW
Dimensions
A
8.00 - 8.20
(0.315 - 0.323)
B
5.00 - 5.20
(0.197 - 0.205)
C
10.40 - 10.60
(0.409 - 0.417)
D
1.85 - 2.15
(0.073 - 0.085)
E
2.10 - 2.30
(0.083 - 0.091)
F
1.25 - 1.55
(0.049 - 0.061)
MANUFACTURER’S
TRADEMARK
FORWARD
CURRENT
x 100 mA
LOW
FORWARD
VOLTAGE
VRMS = 800 V
DATE CODE
40L
How to Order
CD - DF 4 06 SL
Common Code
Chip Diode
Model
DF = DF Bridge Series
Average Forward Current
4 = 4 A
Reverse Voltage
06 = 600 V
08 = 800 V
10 = 1000 V
Forward Voltage Suffix
S = Standard Forward Voltage
SL = Low Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com