Electronic Components Datasheet Search
  English  ▼

X  

W83301R Datasheet(PDF) 13 Page - Winbond

Part # W83301R
Description  ACPI-STR Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301R Datasheet(HTML) 13 Page - Winbond

Back Button W83301R Datasheet HTML 8Page - Winbond W83301R Datasheet HTML 9Page - Winbond W83301R Datasheet HTML 10Page - Winbond W83301R Datasheet HTML 11Page - Winbond W83301R Datasheet HTML 12Page - Winbond W83301R Datasheet HTML 13Page - Winbond W83301R Datasheet HTML 14Page - Winbond W83301R Datasheet HTML 15Page - Winbond W83301R Datasheet HTML 16Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Confidential
Revision 0.6
11
W83301R
Preliminary
8.2 AC CHARACTERISTICS (Continued)
Vcc=5V
± 5 %, TA = 0°C to +70°C
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
STR1 lINEAR REGULATOR
Nominal Output Voltage
2.5
V
VSET0=0V, VSET1=0V
or VSET0=5V,VSET1=5V
Nominal Output Voltage
2.6
V
VSET0=0V, VSET1=NC
or VSET0=5V,VSET1=NC
Nominal Output Voltage
2.8
V
VSET0=0V, VSET1=5V
or VSET0=5V,VSET1=0V
Regulation
5
%
STRSEN1 Under-Voltage Falling
Threshold
80
%
MAX STRDRV1 Output
Voltage
6
V
I(STRDRV1) < 0.1mA
STR2 LINEAR
REGULATOR
Nominal Output Voltage
3.3
V
VSET0=5V,VSET1=5V
Nominal Output Voltage
3.4
V
VSET0=5V,VSET1=NC
Nominal Output Voltage
3.5
V
VSET0=5V,VSET1=0V
Regulation
5
%
STRSEN1 Under-Voltage Falling
Threshold
80
%
MAX STRDRV1 Output
Voltage
6
V
I(STRDRV1) < 0.1mA
STR3 LINEAR
REGULATOR
Nominal Output Voltage
1.8
V
VSET0=5V
Regulation
5
%
STRSEN1 Under-Voltage Falling
Threshold
83
%
MAX STRDRV1 Output
Voltage
6
V
I(STRDRV1) < 0.1mA
BUS TERMINATOR
Nominal Output Voltage /
VSTRSEN1
50
%
VSET0=0V
Regulation
5
%
5VDUAL SWITCH
CONTROLLER
5VDRV Output High Voltage
9
Cload=3000p
5VDRV Sourcing Current
7
mA
Cload=3000p
5VDRV Sinking Current
400
uA
Cload=3000p
5VDLSB Output High Voltage
9
Cload=3000p
5VDLSB Sourcing Current
7
mA
Cload=3000p
5VDLSB Sinking Current
230
uA
Cload=3000p
S3#,S5#,5VDLEN#, PWOK,CHARGE PUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com